PART |
Description |
Maker |
MCP6002 MCP6002EP MCP6002ESN MCP6004 MCP6004E MCP6 |
The MCP6002 is a dual general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6002 is avail Operational Amplifier - Datasheet Reference 1 MHz Bandwidth Low Power Op Amp The MCP6001 is a single general purpose op amp offering rail to rail input & output over the 1.8 to 5.5V operating range. This amplifier has a typical GBWP of 1 MHz with typical quiescent current of 100 microamperes. The MCP6001 is ava
|
Microchip Technology Inc MICROCHIP[Microchip Technology]
|
V23990-P824-F-P2-19 |
Typical average static loss as a function of output current
|
Vincotech
|
MCP6021 MCP6024 MCP6022 MCP6024T-I_ST MCP6021-E_P |
The MCP6022 dual operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6021 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... The MCP6024 quad operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 ... The MCP6023 operational amplifier (op amp) has a gain bandwidth product of 10 MHz with a low typical operating current of 1.0 mA ... Rail-to-Rail Input/Output 10 MHz Op Amps Rail-to-Rail Input/Output, 10 MHz Op Amps
|
MICROCHIP[Microchip Technology]
|
PT2308P PT2308P-L PT2308P-S PT2308P-C |
2-Channel 300mW Class AB Power Amplifier
|
Princeton Technology Corp
|
FMW4 |
High breakdown voltage, Power dissipation: PC=300mW
|
TY Semiconductor Co., Ltd
|
MS6853 |
Mono 1.9W Stereo 300mW Power Amplifier Low Voltage Operation
|
Mosa Electronics
|
BGA312 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
|
Siemens Semiconductor Group
|
M3500-0305 |
300-500 MHZ TYPICAL OUTPUT FREQUENCY / MODULATION SENSITIVITY VERSUS TUNING VOLTAGE
|
Micronetics, Inc.
|
BGA310 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 9 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz 3 dB-bandwidth: DC to 2.4 GHz)
|
Siemens Semiconductor Group
|