PART |
Description |
Maker |
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
OM185-5ST OM186-5 OM183-5 OM184-5 OM185-12 OM185-1 |
15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-258, 3 PIN 15 V FIXED POSITIVE LDO REGULATOR, 17.5 V DROPOUT, MSFM3 HERMETIC SEALED, TO-257, 3 PIN Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator 7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS Insulation Displacement (IDC) Connector; No. of Contacts:30; Contact Termination:IDC; Gender:Male RoHS Compliant: Yes
|
Omnirel International Rectifier ETC[ETC] List of Unclassifed Manufacturers http:// Electronic Theatre Controls, Inc.
|
NCP1117XT12 NCP1117ST15T3 NCV1117ST15T3 NCP1117DT2 |
1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.25 V-18.8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 GIGATRUE 550 CAT6 PATCH 6 FT, SNAGLESS, WHITE 1.0低压差正,固定和可调电压调节 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 FF-SYB Series, type 4 two-beam access control systems 12 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 1.5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 1.0 A Low-Dropout Positive Fixed and Adjustable Voltage Regulators 2 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 MOSFET N-CH 200V 15A TO-220FN GIGATRUE 550 CAT6 PATCH 5 FT, SNAGLESS, WHITE GIGATRUE 550 CAT6 PATCH 7 FT, SNAGLESS, WHITE
|
ONSEMI[ON Semiconductor]
|
LX8384-XXIDT-TR LX8384A-XXCDD-TR LX8384A-XXCDT-TR |
5A Low Dropout Positive Regulators Low Drop Out Regulator - Positive Adjustable; IO (A): 5; VIN (V): 10; DV: 1.5; VREF (V): 8; 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Microsemi Corporation http:// Microsemi, Corp. MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
MIC530808 MIC5308-1.8YMTTR MIC5308-1.5YMT MIC5308- |
Low VIN/VOUT 150mA High PSRR ULDO with Ultra-Low IQ 1.8 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO6 1.5 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, DSO6 1.2 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO6 0.8 V-2 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.15 V DROPOUT, DSO6
|
Micrel Semiconductor MICREL INC
|
LT1086-05-220M LT1086-12-220M LT1086-220M LT108622 |
12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 4-Bit Synchronous Up/Down Binary Counters 16-SO 0 to 70 TV 37C 37#16 SKT PLUG TV 43C 23#20 20#16 PIN PLUG LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3
|
TT electronics Semelab Limited SEME-LAB[Seme LAB] SEMELAB LTD
|
LT1529 LT1529-3.3 LT1529-5 LT1529CQ LT1529CQ-3.3 L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 Octal Bus Transceivers 20-SO 0 to 70 3.8 V-14 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PZFM5 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PSSO5 CONNECTOR ACCESSORY 3A Low Dropout Regulators with Micropower Quiescent Current and Shutdown From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
OM1860NHM OM1860NKM OM1860NTM OM1860SHM OM1860SKM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
|
International Rectifier http://
|
OM1850STM OM1850 OM1850NKM OM1850NMM OM1850SRM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 3 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-88646
|
International Rectifier Omnirel ETC[ETC] List of Unclassifed Manufacturers
|
NCP565D2T33G NCP565ST12T3G NCP565D2T12G NCP565D2T3 |
1.5 A Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 0.9 V-7.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
NCV5501DT50G NCV5501DT50RKG NCP5501DT33RKG NCP5500 |
500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Rail; Qty per Container: 75 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA Low Dropout Regulator, 5.0 V Output; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.0 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO2 500 mA, 3.3 V, Low Dropout Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PSSO4 500 mA Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.073 V DROPOUT, PSSO4
|
ON Semiconductor
|
|