PART |
Description |
Maker |
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
IRLS3034PBF IRLSL3034PBF IRLS3034TRLPBF IRLS3034PB |
HEXFET Power MOSFET 195 A, 40 V, 0.0017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA HEXFETPower MOSFET High Efficiency Synchronous Rectification in SMPS
|
International Rectifier
|
IRFUC20 IRFRC20 IRFUC20PBF |
600V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=600V, Rds(on)=4.4ohm, Id=2.0A) (IRFRC20 / IRFUC20) Power MOSFET
|
IRF[International Rectifier]
|
SI4410DYPBF SI4410DYTRPBF |
N-Channel MOSFET 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA LEAD FREE, SO-8 HEXFET㈢Power MOSFET HEXFET?Power MOSFET
|
Hypertronics, Corp. International Rectifier
|
NTP75N06 NTP75N06D NTP75N06G NTB75N06 NTB75N06G NT |
Power MOSFET 75 A, 60 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 75 Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
NID9N05CL NID9N05CLT4 NID9N05CLT4G |
Power MOSFET Power MOSFET 9 Amps, 52 Volts N-Channel, Logic Level(9 A, 52V?昏??靛钩锛???????MOSFET) Power MOSFET 9 A, 52 V, N-Channel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
|
ON Semiconductor
|
IRFP340 IRFP340PBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A) 功率MOSFET(减振钢板基本\u003d00V,的Rdson)\u003d 0.55ohm,身份证\u003d 11A条) 11 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF7103Q IRF7103QTR IRF7103QN |
N-channel power MOSFET for anti-lock braking systems applications, 50V, 3A TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 50V V(BR)DSS | 3A I(D) | SO Power MOSFET(Vdss=50V) 50V Dual N-Channel HEXFET Power MOSFET in a SO-8 package 50V Single DUAL-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRFBE30L IRFBE30S |
800V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET㈢ Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
APT50M75LLL APT50M75B2LL APT50M75B2LL_04 APT50M75B |
Power MOSFET; Package: T-MAX™ [B2]; ID (A): 57; RDS(on) (Ohms): 0.075; BVDSS (V): 500; 57 A, 500 V, 0.075 ohm, N-CHANNEL, Si, POWER, MOSFET POWER MOS 7 R MOSFET
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
IRFIZ24N IRFIZ24NPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
|
IRF[International Rectifier]
|
|