PART |
Description |
Maker |
ST180C ST180CXXX |
Power Supply Controller IC; Package/Case:28-SSOP; Supply Voltage Max:5.5V; Leaded Process Compatible:No; Output Voltage Max:3.6V; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No PHASE CONTROL THYRISTORS Hockey Puk Version
|
IRF[International Rectifier]
|
MAX1232 MAX1232CPA MAX1232CSA MAX1232CWE MAX1232EP |
MAX1232 Microrprocessor Monitor MAX 1232 Microprocessor Monitor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 MAX 1232 Microprocessor Monitor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, UUC8 MAX 1232 Microprocessor Monitor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 MAX 1232 Microprocessor Monitor 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
C7247-01 C7247 |
DA-TYPE SOCKET ASSEMBLIES Switch Mode Power Supply; Output Power:80W; Mounting Type:PCB; Output Current:8A; Output Power Max:80W; Output Power Min:60MW; Output Voltage:5VDC; Series:LPT60; Supply Voltage:370VDC; Supply Voltage Max:264VAC RoHS Compliant: Yes
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
M29F040 M295V040-120N6R M295V040-120XK6R M295V040- |
Excalibur Low-Noise High-Speed JFET-Input Dual Operational Amplifier 8-SOIC JFET-Input Low Power High Drive Quad Operational Amplifier 14-CFP -55 to 125 JFET-Input Low Power High Drive Quad Operational Amplifier 14-SOIC 4兆位512KB的8,统一座单电源闪存 JFET-Input High Speed Low Noise Single Operational Amplifier 8-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:302.4W; Output Current:6.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:302.4W; Output Current:8.4A; Number of Outputs:1; Leaded Process Compatible:No; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A 4兆位512KB的8,统一座单电源闪存 Excalibur Low-Noise High-Speed JFET-Input Operational Amplifier 8-SOIC 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:12VDC; Output Power Max:15W; Output Current:1.25A; Number of Outputs:1; Supply Voltage Max:265VAC; Supply Voltage Min:85VAC 4兆位512KB的8,统一座单电源闪存 JFET-Input Low Power High Drive Quad Operational Amplifier 14-CDIP -55 to 125 4兆位512KB的8,统一座单电源闪存 4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory 4兆位512KB的8,统一座单电源闪存 Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:300W; Output Current:12.5A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:4A; Input Current Min:2A; Supply Voltage Max:265VAC Switch Mode Power Supply; Series:ZWS; Output Voltage:48VDC; Output Power Max:206.4W; Output Current:4.3A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC PSU, OPEN FRAME, 150W, 12V; Voltage, output:12V; Current, output:12.5A; Power rating:150W; Voltage, supply min:85V; Voltage, supply max:265V; Length / Height, external:40mm; Width, external:75mm; Depth, external:222mm; Frequency, RoHS Compliant: Yes Switch Mode Power Supply; Series:ZWS; Output Voltage:24VDC; Output Power Max:201.6W; Output Current:8.4A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC POWER SUPPLY, 150 WATTS Switch Mode Power Supply; Series:ZWS; Output Voltage:36VDC; Output Power Max:201.6W; Output Current:5.6A; Number of Outputs:1; Approval Bodies:UL, CSA, CE; Input Current Max:2.8A; Input Current Min:1.4A; Supply Voltage Max:265VAC JFET-Input Low Power High Drive Quad Operational Amplifier 20-LCCC -55 to 125 4 Mbit 512Kb x8 / Uniform Block Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
AP30T03GH-HF AP30T03GH-HF-14 |
Lower Gate Charge Lower Gate Charge 17 A, 30 V, 0.03 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 Simple Drive Requirement
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
LZ0P3820 |
Safety Light Curtain; Light Curtain Type:Safety; Control Output Type:2PNP OSSD; Number of Beams:80; Protection Height:1200mm; Sensing Range Max:18m; Supply Voltage Max:24VDC; Supply Voltage:24VDC RoHS Compliant: NA l/7-type lens-integrated CMOS Color Area Sensor for CIF
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
FALDM375 FALDM450 FALDM400 ALDM500 FALDM500 |
; Comments: Please ask for the nearest Toshiba distributor about the production works.; Reverse Voltage, max (V): (max 80) Switching Diodes; Surface Mount Type: Y; Package: SM6; XJE016 JEITA: SC-74; Number of Pins: 6; Features: high-speed switching; Internal connection: 3 in 1; Reverse Voltage, max (V): (max 80) Logic IC High Efficiency Diodes (HEDs); Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; Application Scope: Switching mode power supply; Internal Connection: Center tap; T RR (ns): (max 50); I O (A): (max 600)
|
|
MAX409BESAT |
Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps OP-AMP, 3000 uV OFFSET-MAX, 0.15 MHz BAND WIDTH, PDSO8
|
Maxim Integrated Products, Inc.
|
2302.25 229 229.250 229.350 229.375 229.500 229.60 |
Axial Lead and Cartridge Fuses - Subminiature Glass Body 轴向引线和墨盒保险丝-微型玻璃 Rocker Switch; Circuitry:SPST; Switch Operation:On-Off; Contact Current Max:10A; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch Features:Rocker Actuator 轴向引线和墨盒保险丝-微型玻璃 Compatible:No; Mounting Type:Low Profile Jackscrew RoHS Compliant: No Pushwheel Switch SWITCH PUSHWHEEL HEX W/END 0-15 Geartooth Hall Effect Sensor; Supply Voltage Max:24VDC; Supply Voltage Min:4.75VDC; Supply Current Max:20mA; Sensor Terminals:Connector; Leaded Process Compatible:No; Output Type:Sink; Peak Reflow Compatible (260 C):No Round SPDT,blank, white/white, unlighted
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|