PART |
Description |
Maker |
HT66FU60 HT66F40 HT66F20 HT66F60 |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66F60A |
Enhanced A/D Flash Type 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
HT66F016 HT68F016 |
(HT6xF01x) Enhanced Flash Type 8-Bit MCU
|
Holtek Semiconductor
|
PIC18FXXXX PIC18LF8722-E_PT PIC18F6627 PIC18F6722 |
(PIC18Fxx2x) Enhanced Flash Microcontrollers 64/80-PIN 1-MBIT ENHANCED FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANOWATT TECHNOLOGY
|
MICROCHIP[Microchip Technology]
|
T89C51CC02CA-SISIM T89C51CC02UA-SISIM T89C51CC02UA |
Boot Code Section with Independent Lock Bits Enhanced 8-bit Microcontroller with CAN Controller and Flash Enhanced 8-bit Microcontroller with CAN Controller and Flash 8-BIT, FLASH, 40 MHz, MICROCONTROLLER, PQCC28
|
ATMEL Corporation http:// Atmel, Corp.
|
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
HT68F50 HT68F40 HT68F20 HT68F30 HT68F60 |
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
|
Holtek Semiconductor Inc
|
PIC18F6627TIPTQTP PIC18F6527TIPTQTP PIC18F6527TIPT |
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 64/80-Pin兆位,增强型闪存微控制器0位A / D和纳瓦技 64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 64/80-Pin1兆位,增强型闪存微控制器10位A / D和纳瓦技
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PIC18F8722 PIC18F6527 PIC18LF6627EPTQTP PIC18LF662 |
64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology 8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
|
Microchip Technology, Inc.
|
T89C51AC2-RLTIM T89C51AC2 T89C51AC2-SLSIM |
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
|
ATMEL[ATMEL Corporation]
|