PART |
Description |
Maker |
T0-4-8213/EZ T0-1-102/EA/SVB T0-1-102/V/SVB T0-4-1 |
SWITCH DISCONNECTOR 100A ISOLATOR 6P 100A ISOLATOR 6P 63A ISOLATOR FLUSH 25A 3 POLE ISOLATOR 3P 63A ISOLATOR INT'LOCK 63A 1 POLE ISOLATOR FLUSH 63A 2 POLE ISOLATOR FLUSH 63A 1 POLE ISOLATOR INT'LOCK 63A 2 POLE ISOLATOR INT'LOCK 63A 3 POLE MCU CMOS 44 LD 20MHZ 8K FLASH, -40C to 85C, 44-PLCC, TUBE ISOLATOR FLUSH 63A 3 POLE ISOLATOR EXT SHAFT ISOLATOR 32A INT 隔离页第32A 隔离页第63A ISOLATOR 3P 25A 隔离P 25A MCU CMOS 40 LD 20MHZ 8K FLASH, -40C to 85C, 40-PDIP, TUBE 隔离3P 32A Transient Voltage Suppressor Diodes 隔离器镶入第32A 1
|
TVS-瞬态抑制二极管 Amphenol Corporation Astrodyne, Inc. Moeller Electric, Corp.
|
FTR-H1AA012V FTR-H1CA012V FTR-H1AA024V FTR-H1CA024 |
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1极功率继电器- 10型低 POWER RELAY 1 POLE-10 A LOW PROFILE TYPE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Limited Fujitsu, Ltd.
|
PVD13 |
Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 500mA, 0-100V DC
|
International Rectifier
|
PVA3324N PVA3324NS PVA3354N PVA3354NS PVA2352N PVA |
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole/ Normally-Open 0-300V AC/DC/ 150mA Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA 微电子功率IC HEXFET功率MOSFET的光电继电器单极,常开0 - 300V交流/直流50mA
|
International Rectifier, Corp.
|
26150 26S6R8 2600 26100 26101 26120 26151 26180 26 |
RELAY OPTOMOS 250MA DUAL 8-SMD 1 ELEMENT, 4.7 uH, GENERAL PURPOSE INDUCTOR, SMD Call progress tone generator Single Pole Normally Open: 1-Form-A Dual Pole Normally Open: 2-Form-A RELAY OPTOMOS 250MA DP-NO 8FLTPK RELAY OPTOMOS 250MA DP-NO 8-SMD RELAY OPTOMOS 150MA DPST 8-SMD BobbinWoundSurfaceMountInductors Bobbin Wound Surface Mount Inductors
|
C&DTechnologies CANDD[C&D Technologies]
|
FTR-P3CN009W1NIL FTR-P3CN012W1-01 FTR-P3CN012W1-05 |
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.05A (COIL), 12VDC (COIL), 600mW (COIL), 25A (CONTACT), 14VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
|
FUJITSU COMPONENT LTD Fujitsu Component Limited.
|
VS-12SK-NR-IM2 VS-12SK-NR-SM2 VS-12SK-NR-UC VS-12S |
POWER RELAY 1 POLE-15A
|
Fujitsu Component Limited.
|
EBS26UC6APS-80 EBS26UC6APS EBS26UC6APS-75 EBS26UC6 |
RELAY,SOLID,STATE,SPST 32M X 64 SYNCHRONOUS DRAM MODULE, 5.4 ns, DMA144 RELAY OPTO 120MA W/SURGE 8-DIP RELAY OPTOMOS 250MA 6-SMD AC Solid State Switch using optical coupling with dual power SCR outputs Dual Pole Normally Open: 2-Form-A 256MB SDRAM S.O.DIMM
|
ELPIDA MEMORY INC Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
LBA120L LBA120LS LBA120LSTR |
Single Pole OptoMOS Relay DUAL POLE OptoMOS Relay
|
CLARE[Clare Inc.] Clare, Inc.
|
PC7032C-12 PC7032C-12L PC7033C-12 PC7033C-12L PC70 |
1 Pole To 3 Pole 10 Amp Plug In Relay
|
PICKER[Picker Components]
|