PART |
Description |
Maker |
IRFIB41N15D IRFSL41N15D IRFB41N15D IRFS41N15D IRFI |
150V Single N-Channel HEXFET Power MOSFET in a TO-262 package 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 150V Single N-Channel HEXFET Power MOSFET in a TO-220 Full-Pak(Iso)
|
IRF[International Rectifier]
|
BUK7520-55A BUK7620-55A |
TrenchMOS(tm) standard level FET N-channel enhancement mode field-effect power transistor in a plastic package using TrenchMOS technology, featuring very low on-state resistance. TrenchMOS TM standard level FET
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
STS5N150 9639 |
N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET?/a> POWER MOSFET N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET?/a> POWER MOSFET N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFET⑩ POWER MOSFET N-CHANNEL 150V - 0.045 OHM - 5A SO-8 LOW GATE CHARGE STripFETPOWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system
|
STMicroelectronics 意法半导 ST Microelectronics
|
FDP2570 FDB2570 |
150V N-Channel PowerTrench MOSFET 22 A, 150 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 150V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQAF46N15 |
150V N-Channel MOSFET 150V N - CHANNEL MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 150V V(BR)DSS | 33.5A I(D) | TO-247VAR
|
FAIRCHILD[Fairchild Semiconductor]
|
STW40NS15 |
40 A, 150 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AC N-CHANNEL 150V - 0.042ohm - 40A TO-247 MESH OVERLAY MOSFET N-CHANNEL 150V - 0.042ohm - 40A TO-247 MESH OVERLAY⑩ MOSFET N-CHANNEL 150V 0.042 OHM 40A TO-247 MESH OVERLAY MOSFET
|
STMicroelectronics ST Microelectronics
|
PHD108NQ03LT PHB108NQ03LT PHP_PHB_PHD108NQ03LT-02 |
TrenchMOS(tm)logic level FET From old datasheet system TrenchMOS TM logic level FET TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
PHU108NQ03LT PHU108NQ03LT127 PHB108NQ03LT PHD108NQ |
N-channel TrenchMOS logic level FET 75 A, 25 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251 PLASTIC, IPAK-3 N-channel TrenchMOS logic level FET
|
NXP Semiconductors N.V.
|
IRFB52N15DPBF IRFSL52N15D |
150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
SFL3200_39 SFL3200-39 SFL3200/39 |
Logic Level 12A 150V .17Ω N-Channel Power MOSFET Logic Level 12A 150V .17ヘ N-Channel Power MOSFET
|
SSDI[Solid States Devices, Inc]
|