PART |
Description |
Maker |
C450UT190-0319-31 C460UT190-0319-31 C450UT190-SXXX |
Small Chip 190 x 190 x 50 Class 2 ESD Rating Cree UltraThin Gen III LEDs Cree UltraThin Gen III LEDs Small Chip 190 x 190 x 50 Class 2 ESD Rating
|
Cree, Inc Marktech Corporate
|
HSMN-C110 HSMN-C150 HSMN-C170 HSMN-C190 HSMN-C191 |
(HSMx-C110/170/190/191/150) SMT Chip LED
|
Agilent Technologies
|
SF2006C |
190.00 MHz SAW Filter
|
RF Monolithics, Inc Murata Manufacturing Co., Ltd.
|
SKM145GB124D |
190 A, 1200 V, N-CHANNEL IGBT
|
SEMIKRON INTERNATIONAL
|
LH28F040SUTD-Z4 |
512K X 8 FLASH 5V PROM, 190 ns, PDSO40
|
SHARP ELECTRONICS CORP
|
PCK2057 PCK2057DGG PCK2057DGG-T |
H TYPE TAP 70 - 190 MHz I2C differential 1:10 clock driver
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
SF0190CD01937S |
SAW Filters for Wireless Access 190 MHz Filter for W-CDMA Applications
|
API Technologies Corp ICS Integrated Circuit Systems
|
TLE4473GV55-2 TLE4473GV55-208 |
Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 卤 2% Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V ± 2%
|
Infineon Technologies AG
|
4451HT SMK400 4451HTA RA400Z |
Plug-in 190∑F Thermal Detector Plug-in 190°F Thermal Detector Plug-in 190隆?F Thermal Detector
|
Systemsensor advanced ideas.
|
LT1469ACDF-2-PBF LT1469ACDF-2-TRPBF LT1469AIDF-2-P |
DUAL OP-AMP, 450 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 350 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 600 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp Dual 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp Dual 200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
SKDH11507 SKDH115/12 |
Transistor; Type: Amplifiers/Bipolar; VCEO (V): 5; Ic (A): 0.5; hFE: 110 to 190; fT (GHz) typ: 10.5; Cob (pF) max: 2; Package: MPAK 1200 V, SCR Half Controlled 3-phase Bridge Rectifier
|
Semikron International
|