PART |
Description |
Maker |
97C08SRT |
Half the Size of Standard DIP Switches
|
Grayhill, Inc
|
FL-SWITCH-SFN |
Five- and Eight-Port Standard Function Ethernet Switches with Narrow Housings ?Gigabit as an Option
|
PHOENIX CONTACT
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
A1184_06 A1184 A1184ELHLT-T A1184EUA-T A1184LLHLT- |
Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
|
ALLEGRO[Allegro MicroSystems]
|
SXX16NRP SXX16NTP SXX16R SXX16RTP S8015L56 SK015LT |
Excellent unidirectional switches for phase control applications 15 and 16 Amp Standard SCRs 15 A, 1000 V, SCR, TO-220AB
|
http:// Littelfuse
|
K155TM2 K155 K155NA1 KM155NA1 K155NA2 KM155NA2 KM1 |
Dual-Channel, Audio Difference Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial OCHBHBLE 3NEKTPNYECKNE NAPAMETPBI基本规格 OCHBHBLE 3NEKTPNYECKNE NAPAMETPBI BASIC SPECIFICATIONS OCHBHBLE 3NEKTPNYECKNE NAPAMETPBI BASIC SPECIFICATIONS
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC List of Unclassifed Man...
|
AME1117CCCT AME1117DCCT AME1117BCGT AME1117ACCT AM |
1A Low Dropout Positive Voltage Regulator 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Analog Microelectronics Kingbright, Corp. AME, Inc.
|
BD08 BD04 BD10 BD10AV BD12 BD02 BD07 BD05 BD12AV B |
Standard Profile DIP Switches SLIDE DIP SWITCH-8SWITCHES, SPST, LATCHED,0.1A, 5VDC, THROUGH HOLE-RIGHT ANGLE
|
C&K Components C & K COMPONENTS INC
|
SC-A1421-FREQ SC-A1420-FREQ SC-A142X SC-1420-FREQ |
Crystal Clock Oscillators 晶体时钟振荡 SE Series Environmentally Sealed Basic Switch, Single Pole Normally Open Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Solder (Turret) Termination SE Series Environmentally Sealed Basic Switch, Single Pole Normally Closed Circuitry, 5 A at 250 Vac, Pin Plunger Actuator, Leadwire Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 7 A, Pin Plunger Actuator, Solder Termination
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC]
|
|