PART |
Description |
Maker |
2N4125TANL |
PNP General Purpose Amplifier 200 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N3906RLRPG 2N3906RL1G |
General Purpose Transistors PNP Silicon 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
2N3905TAR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMST7157T146 MMST7157T147 MMST918ST147 BC858BT117 |
200 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
|
PMBT3946VPN |
40 V, 200 mA NPN/PNP switching transistor 40 V, 200 mA NPN-PNP switching transistor 200 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BCY79 BCY59 BCY78 |
200 mA, PNP, Si, SMALL SIGNAL TRANSISTOR 200 mA, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
2N4126TFR |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 200 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC526 |
200 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
BCY78 |
200 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
STMICROELECTRONICS
|
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
BCY78A.MODG4 |
200 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA HERMETIC SEALED, METAL, TO-18, 3 PIN
|
TT electronics Semelab, Ltd.
|
|