PART |
Description |
Maker |
2SA1200 2SA1201 2SA1202 2SA1216 2SA1179 2SA1182 2S |
New Jersey Semi-Conductor Products,
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
1344199 |
Tinned copper conductor, semi-rigid PVC insulation
|
List of Unclassifed Man...
|
RG405-U |
086 Semi-rigid Coax Cable with Copper Outer Conductor
|
Pasternack Enterprises,...
|
126-93-964-41-003 126-93-210-41-001 126-93-210-41- |
Test Prod Wire; Conductor Size AWG:24; No. Strands x Strand Size:45 x 40; Jacket Color:Red; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1; Outer Diameter:0.066" RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:24; No. Strands x Strand Size:45 x 40; Jacket Color:Black; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1; Outer Diameter:0.066" RoHS Compliant: Yes Dual-in-line sockets Open frame Wire-wrap posts with solder tails 双列直插式插座开放帧线与焊尾包职 HookUp/Lead Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:42ohm; Temperature Max:200 C RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Number of Pairs:1; Features:Aluminium Foil/Polyester Tape; Impedance:42ohm; Leaded Process Compatible:Yes RoHS Compliant: Yes 18 AWG (19X30) TINNED COPPER, THREE CONDUCTORS, FEP INSULATED RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:FEP; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:3 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-13169B; Conductor Material:Copper; Jacket Material:Rubber; Leaded Process Compatible:Yes; Number of Conductors:1 RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:FEP; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Number of Pairs:6 RoHS Compliant: Yes
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
PE-SR402AL-STRAIGHT |
141 Semi-rigid Coax Cable with Tinned Aluminum Outer Conductor
|
Pasternack Enterprises,...
|
PE-SR401FL |
Formable 250 Semi-rigid Coaxk Cable with Tinned Copper Braid Outer Conductor
|
Pasternack Enterprises,...
|
AT88RF020-WA1 AT88RF020-MR1 ATMELCORP-AT88RF020-MR |
6 MIL WAFER, 82 PF(EMBEDDED CRYPTO PROD) SPECIALTY CONSUMER CIRCUIT, UUC9 RF MODULE R (XOA2), 82PF, GREEN(EMBEDDED CRYPTO PROD) SPECIALTY CONSUMER CIRCUIT, UUC
|
Atmel, Corp.
|
PUMA68S16000ALM-020 PUMA68S16000ALM-025 PUMA68S160 |
x32 SRAM Module 24MHZ, PDIP, IND TEMP, GREEN, 5V(MCU 5X) 12MHZ, PDIP, IND TEMP(MCU 5X) 24MHZ, SOIC, IND TEMP(MCU 5X) CRYPTORF FAMLY MOD LTO10X20 W/LOGO 17-02(EMBEDDED CRYPTO PROD) MODULE E, GENERIC SECURE CODE, GREEN(EMBEDDED CRYPTO PROD) 8051 4K FLASH 2.7 TO 5.5V, PDIP(MCU 5X) X32号的SRAM模块 24MHZ, PDIP, COM TEMP(MCU 5X) X32号的SRAM模块 12MHZ, SOIC, IND TEMP, GREEN, 4V - 5.5V(MCU 5X) X32号的SRAM模块 MODULE F, GREEN(EMBEDDED CRYPTO PROD) X32号的SRAM模块
|
Electronic Theatre Controls, Inc. AMIC Technology, Corp.
|
2N5355 2N5307 2N5356 2N5309 2N5308A |
SPRINGFIELD, NEW JERSEY 07091
|
New Jersey Semi-Conductor Products, Inc. New Jersey Semi-Conductor P... New Jersey Semi-Conduct...
|
2N3277 |
SPRINGFIELD, NEW JERSEY 07081
|
New Jersey Semi-Conductor Products, Inc.
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|