PART |
Description |
Maker |
M22-2581546 |
2.00mm Pitch DIL Vertical 2.4mm PC Tail Pin Header, 5mm mating pin height, tin, 15 15-way 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M22-2541605 M22-2542105 M22-2542346 |
2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 16 16-way 32 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 21 21-way 42 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Horizontal 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 23 23-way
|
Harwin PLC HARWIN INC
|
HLMP-C027-P0000 HLMP-C608-R00DD HLMP-C025-P0002 HL |
0.5mm contact spacing, 1.0mm height, Top contact, Back flip FPC/FFC connectors; HRS No: 580-1225-5 50; Contact Mating Area Plating: Gold T-1 3/4 (5 mm) AlInGaP Lamp 的T 1 3 / 45毫米)的AlInGaP T-13/4 (5mm) AlInGaP Lamp 的T 13 / 4mm)的铝铟镓磷化物
|
Taiwan Semiconductor Co., Ltd. Avago Technologies, Ltd.
|
M22-2512246 M22-2510705 M22-2512205 M22-2522446 M2 |
2.00mm Pitch SIL Vertical 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 22-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch SIL Vertical 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 7-way 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch SIL Vertical 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 22-way 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Vertical 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 24 24-way 48 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.00mm Pitch DIL Vertical 2.4mm PC Tail Pin Header, 3.5mm mating pin height, gold, 3 3-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 2.00mm Pitch DIL Vertical 2.4mm PC Tail Pin Header, 3.5mm mating pin height, tin, 5 5-way 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Vishay Intertechnology, Inc. Harwin PLC
|
M80-5L210M1-21-334-314 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 10 x 4.5mm PC Tail signal contacts, 2 x 5mm PC Tail Power contacts and 1 x 4.5mm PC Tail Coax contact 13 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
50-34-8511 02-09-5132 |
P.C. TAIL TERMINAL FEMALE .093/(2.36)DIA Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp BRASS, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
60115-1 |
BLANKET PIN-125 DIA
|
List of Unclassifed Manufacturers
|
04-6214-012-010-800 |
0.5mm Pitch Vertical SMT Single- sided contact Slide lock
|
AVX Corporation
|
0351830417 351830417 |
8.00/10.00mm (.315/.394) Pitch, 2.36 Dia. Pin Housing, 4 Circuits 8.00/10.00mm (.315/.394") Pitch, 2.36 Dia. Pin Housing, 4 Circuits
|
Molex Electronics Ltd.
|
CAT25C65SA-1.8TE13 CAT25C65SA-TE13 CAT25C65SE-1.8T |
32K/64K-Bit SPI Serial CMOS EEPROM 32K/64K-Bit SPI串行EEPROM中的CMOS Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:10.2mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LIGHT PIPE VERTICAL .350 ROUND Light Pipe; Mounting Hole Dia:3.5mm; Material:Polycarbonate; Length:7.6mm; Color:Clear; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
MITSUMI ELECTRIC CO., LTD. Panasonic Industrial Solutions CATALYST[Catalyst Semiconductor]
|
02-09-8107 02-09-8103 02-09-8108 02-09-8109 02-09- |
CRIMP TERMINAL, MALE, GROUND PIN, .093 DIA., FOR VARIOUS WIRE SIZES 093 Male GrdPin Term Chain 18-22 BRASS, TIN FINISH, WIRE TERMINAL Crimp Pin Contact; Wire Size (AWG):22-18; Contact Material:Brass RoHS Compliant: Yes BRASS, TIN FINISH, WIRE TERMINAL 093 Male GrdPin Term Chain 14-18 BRASS, TIN FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
803-93-004-30-001000 800-10-003-30-001000 800-10-0 |
INTERCONNECTS .100隆卤 Grid (.030隆卤 dia.) Pins, Surface Mount Headers & Sockets Single and Double Row INTERCONNECTS .100 Grid (.030 dia.) Pins, Surface Mount Headers & Sockets Single and Double Row
|
Mill-Max Mfg. Corp.
|
|