PART |
Description |
Maker |
MJH11020 |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
|
Motorola, Inc
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
SDR75010 SDR75015 SDR75010U SDR75020 SDR75015US1TX |
ULTRAFAST RECTIFIER 75 A, 150 V, SILICON, RECTIFIER DIODE 75 A, 150 V, SILICON, RECTIFIER DIODE, TO-254AA 75 A, 200 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
BUV11 |
20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS SITCHMODE Series NPN Silicon Power Transistor
|
Motorola Inc Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MBRF20H150CTG MBR20H150CTG |
20 A,150 V H-Series Dual Schottky Rectifier 10 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE?/a> Power Rectifier 150 V, 20 A SWITCHMODE Power Rectifier 150 V, 20 A SWITCHMODE垄芒 Power Rectifier 150 V, 20 A
|
ON Semiconductor
|
05U4L 05U1L 05U3L 05U2L |
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 0.5 Ampere 0.5 A, 200 V, SILICON, SIGNAL DIODE
|
Rectron Semiconductor RECTRON LTD
|
MJH1101706 MJH11022G MJH11017 MJH11018 MJH11018G M |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS
|
ONSEMI[ON Semiconductor]
|
1N2436 S4360 S4380 1N2437 1N2438 1N2439 1N2440 1N2 |
Silicon Power Rectifier 150 A, 200 V, SILICON, RECTIFIER DIODE, DO-205AA Silicon Power Rectifier
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SUP36N20-54P |
N-Channel 200-V (D-S) 150 Celsius MOSFET
|
Vishay Siliconix
|
TLP150-M TLP150N-99S12J TLP150N-99S24J |
150 W on main channel with only 200 LFM
|
Emerson Network Power
|
2N8768 |
N-Channel Power MOSFETs 30 A,150 V/200 V
|
New Jersey Semi-Conductor Products, Inc.
|
TM201 TM201-S5.1 TM201-D23 TM201-D24 TM201-D25 TM2 |
150- 200 WATT MEDICAL POWER SUPPLIES
|
Tumbler Technologies TRUMPower Tumbler Technologies ...
|
|