PART |
Description |
Maker |
42239-4 |
FASTON Uninsulated Receptacles & Housings; 205 FAST REC 18-14 016PHBZ ( AMP )
|
Tyco Electronics
|
42299-2 |
FASTON Uninsulated Receptacles & Housings; .205 FAST REC IS 22-18 TPBR ( AMP )
|
Tyco Electronics
|
0643261001 |
2.50 mm (.098), 4.20mm (.165) and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Brown Coding with Rear Seal Cover 2.50 mm (.098"), 4.20mm (.165") and 8.40mm, Power CMC Receptacles, 22 CircuitsRight Wire Output, Brown Coding with Rear Seal Cover
|
Molex Electronics Ltd.
|
PC3SF11 PC3SF11YVZB PC3F11YVZA |
Reinforced Insulation Type Phototriac Coupler for Triggering Beldsol Magnet Wire, Approx. Spool Length: 404'; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/9; MW 28-C (Single); Conductor Material:Copper RoHS Compliant: Yes 钢筋接头绝缘型光敏触 Beldsol Magnet Wire, Approx. Spool Length: 645'; Conductor Size AWG:26; No. Strands x Strand Size:Solid; Approval Categories:J-W-1177/9; MW 28-C (Single); Conductor Material:Copper RoHS Compliant: Yes 钢筋接头绝缘型光敏触
|
SHARP[Sharp Electrionic Components] Sharp, Corp.
|
BYG26J BYG26 BYG26D BYG26G BYG26_SERIES_1 BYG26SER |
From old datasheet system SMA ultra fast soft-recovery controlled avalanche rectifiers Panel Meter, Moving-Magnet, ME Series, 2 inch Edgewise, 0-500 Microampere Range Very low drop voltage regulators with inhibit 形状记忆合金超快速软恢复控制雪崩整流
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V. International Rectifier, Corp.
|
M06-7 |
Magnet
|
Meder Electronic
|
AS5000-MD6H-1 |
magnet
|
austriamicrosystems AG ams AG
|
M11 |
Magnet
|
Meder Electronic
|
PIC-MSM-332 |
Flatpack Magnet
|
PIC GmbH
|
PIC-M0824 |
Permanent Magnet
|
PIC GmbH
|