PART |
Description |
Maker |
ACS709-16 |
High-Bandwidth, Fast Fault Response Current Sensor IC
|
Allegro MicroSystems
|
ACS709LLFTR-20BB-T ACS709LLFTR-35BB-T ACS709 |
High Bandwidth, Fast Fault Response Current Sensor IC In Thermally Enhanced Package
|
Allegro MicroSystems
|
27C2000 MX27C2000 MX27C2000MC-10 MX27C2000MC-12 MX |
2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 55 ns, PDSO32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 70 ns, PDIP32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 70 ns, PQCC32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 90 ns, PQCC32 2M-BIT [256K x 8] CMOS EPROM 256K X 8 OTPROM, 55 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 85 256K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-TO-220 -40 to 85 256K X 8 OTPROM, 45 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.8V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 85 Single Output LDO, 3.0A, Fixed(3.3V), Fast Transient Response, Reverse Current Protection 5-DDPAK/TO-263 -40 to 85
|
MACRONIX INTERNATIONAL CO LTD PROM Macronix International Co., Ltd. MCNIX[Macronix International]
|
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
MIC29510 MIC29510-3.3BT MIC29510-5.0BT MIC29512BT |
IC-LDO REGULATOR 集成电路LDO稳压 5A Fast-Response LDO Regulator(输出电流5A 快速瞬变反应低压差稳压 PT 61C 61#20 SKT PLUG 5A Fast-Response LDO Regulator Preliminary Information
|
MICREL INC Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
LT1587-1.5 LT1587CM-1.5 LT1587CT-1.5 LT1587CM-1 15 |
Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator From old datasheet system Fixed 1.5V/ 3A Low Dropout Fast Response GTL Regulator
|
Linear Technology, Corp. Linear Technology Corporation
|
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
5962-9159402MZX 5962-9159403MYX 5962-9159402MTX |
±80V Fault-Protected, 2Mbps, Low Supply Current CAN Transceiver ±80V Fault-Protected/Tolerant CAN Transceivers for In-Car Applications x8的SRAM 3.3V, 1Mbps, Low-Supply-Current CAN Transceiver x8的SRAM
|
Silicon Laboratories, Inc.
|
APL1086 APL1086-18FC-TR APL1086-18FC-TU APL1086-18 |
3.3 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.8 V, 1.5 A low dropout fast response positive adjustable regulator and fixed Adj, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.85 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 2.5 V, 1.5 A low dropout fast response positive adjustable regulator and fixed 1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration]
|
TCL1584 TCL1584-3.3CAB TCL1584-3.3CEB TCL1584-ADJC |
7A / 5A / 4.6A / 3A/ FAST RESPONSE/ LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS 7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS A / 5A 4.6a进入/ 3A条,响应速度快,低压降线性稳压器阳
|
TelCom Semiconductor, I... TELCOM[TelCom Semiconductor, Inc] TelCom Semiconductor, Inc.
|
AS2830 AS2830YR-X AS2830AT AS2830AR-3.3 AS2830YU-X |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response PositiveFixedVoltageRegulator 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 Positive Adjustable Voltage Regulator 积极可调电压稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation]
SIPEX
Cypress Semiconductor, Corp. Analog Devices, Inc.
|
MIC29710-3.3WT MIC29710-5.0WT MIC2971006 MIC29712W |
7.5A Fast-Response LDO Regulator
|
Micrel Semiconductor
|
|