PART |
Description |
Maker |
MQ1.5 MQ10 |
Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
JQ800-R |
Quick Acting Fuse Series
|
Bel Fuse Inc.
|
MQ300 MQ125 |
QUICK ACTING MICRO FUSE
|
BEL
|
MQ3 MQ375 MQ2 MQ750 MQ1 MQ1.5 MQ10 MQ100 MQ12 MQ12 |
Quick Acting Micro Fuse
|
BEL[Bel Fuse Inc.]
|
3413.0221.XX USI1206 3413.0217.XX 3413.0222.XX 341 |
Surface Mount Fuse, 3.2 x 1.6 mm, Quick-Acting F, 32 VAC, 63 VDC
|
Schurter Inc.
|
5SFP8 5SF125 5SFP800 5SF 5SF1 5SF1.25 5SF1.6 5SF10 |
Quick-acting Fuse Series (Low Breaking Capacity)
|
BEL[Bel Fuse Inc.]
|
0651R0800-11 0651R0800-13 0651R0800-16 0651R0630-1 |
QUICK-ACTING FUSE SERIES(LOW BREAKING CAPACITY) QUICK-ACTING FUSE SERIES(LOW BREAKING CAPACITY)
|
Bel Fuse Inc.
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
172322-18 |
Subminiature Fuse, 2.3 x 8 mm, Quick-Acting F, IEC, 125 VAC, 125 VDC
|
Schurter Inc.
|
|