PART |
Description |
Maker |
MFE1842BBU22 |
Dielectric Filter with Attenuation Pole From old datasheet system
|
List of Unclassifed Manufacturers ETC[ETC]
|
PS9611 PS9611L PS9611L-E3 PS9611L-E4 |
High speed Totem-Pole Output photocoupler(高速光光隔离器) Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Color:White/Red; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps / TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps TOTEM-POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
DRD1170518U80B00T DRD1270563U20B00T D2931302U80A00 |
DISC TYPE DIELECTRIC RESONATOR, 4560 MHz - 4960 MHz DISC TYPE DIELECTRIC RESONATOR, 4200 MHz - 4560 MHz DISC TYPE DIELECTRIC RESONATOR, 1820 MHz - 1980 MHz DISC TYPE DIELECTRIC RESONATOR, 6380 MHz - 6930 MHz DISC TYPE DIELECTRIC RESONATOR, 3860 MHz - 4200 MHz DISC TYPE DIELECTRIC RESONATOR, 3270 MHz - 3550 MHz DISC TYPE DIELECTRIC RESONATOR, 10540 MHz - 11460 MHz DISC TYPE DIELECTRIC RESONATOR, 2340 MHz - 2540 MHz
|
MURATA MANUFACTURING CO LTD
|
DRD127BM056A DRD026BF012B MURATAMANUFACTURINGCOLTD |
DISC TYPE DIELECTRIC RESONATOR, 4830 MHz - 5250 MHz DISC TYPE DIELECTRIC RESONATOR, 23670 MHz - 25940 MHz DISC TYPE DIELECTRIC RESONATOR, 20030 MHz - 21750 MHz DISC TYPE DIELECTRIC RESONATOR, 18400 MHz - 20030 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 9550 MHz - 10420 MHz DISC TYPE DIELECTRIC RESONATOR, 5700 MHz - 6210 MHz DISC TYPE DIELECTRIC RESONATOR, 5250 MHz - 5700 MHz
|
MURATA MANUFACTURING CO LTD
|
LMK212BJ225KG-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
AMK107BBJ226MA-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
LMK325B7476KM-TR |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
TMK063B7152KP-F |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), Inc
|
UMK316B7225ML-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
EMK212B7225KG-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
GMK212B7105MG-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), Inc
|
JMK107B7224MA-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), Inc
|