PART |
Description |
Maker |
STB6NA80 4233 STB6NA80-1 STB6NA80T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-263AB TRANSISTOR | MOSFET | N-CHANNEL | 800V V(BR)DSS | 5.7A I(D) | TO-262VAR N-CHANNEL Power MOSFET N - CHANNEL ENHANCEMENT MODE FAST POWER MOS TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
PJP1N80 PJU1N80 |
800V N-Channel Enhancement Mode MOSFET
|
Pan Jit International Inc.
|
STB7NC80Z STB7NC80Z-1 STP7NC80ZFP STP7NC80Z STBB7N |
6.5 A, 800 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-CHANNEL MOSFET New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 1.3 OHM - 6.5A TO-220/TO-220FP/D2PAK/I2PAK ZENER-PROTECTED POWERMESH III MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 1.3ohm - 6.5A TO-220/FP/D2PAK/I2PAK Zener-Protected PowerMESH?III MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
FQI5N80 FQB5N80 FQI5N80TU |
800V N-Channel QFET 800V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
STU9NC80Z STU9NC80ZI STU9NC80 |
OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESHIII MOSFET N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?III MOSFET
|
意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
APT8058HVR |
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs. POWER MOS V 800V 13.5A 0.580 Ohm
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
APT8067HVR |
POWER MOS V 800V 11.5A 0.670 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
APT8028JVR APT5010JVR |
POWER MOS V 800V 28A 0.280 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
APT8024B2VR APT8024LVR |
POWER MOS V 800V 33A 0.240 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
APT8065BVFR APT10M11B2VR APT20M22B2VR APT8065 |
POWER MOS V 800V 13A 0.650 Ohm Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
|
ADPOW[Advanced Power Technology]
|
APT8043BFLL APT8043SFLL |
POWER MOS 7 800V 20A 0.430 Ohm Power MOS 7TM is a new generation of low loss/ high voltage/ N-Channel enhancement mode power MOSFETS
|
Advanced Power Technology
|