PART |
Description |
Maker |
GMR30H150CTPF3T GMR30H150C GMR30H150CTA3R GMR30H15 |
HIGH VOLTAGE POWER SCHOTTKY RECTIFIE
|
GAMMA[Gamma Microelectronics Inc.]
|
KBP206 KBP208 |
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIE
|
Yea Shin Technology Co., Ltd
|
GP02-17A |
High Voltage 1.0A Sintered Glass Passivated Rectifie
|
Olitech Electronics Co....
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
2N5064RLRA 2N5064RLRM 2N5064RLRMG 2N5061RLRM 2N506 |
Thyristor .8A 100V Connector Housing; Series:MicroClasp; No. of Contacts:3; Gender:Female; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 60 V, SCR, TO-92 Silicon Controlled Rectifier .8A 25V Thyristor .8A 200V Thyristor .8A 50V
|
ONSEMI[ON Semiconductor]
|
SDR522CTS.5TXV SDR520CT SDR520CTGS SDR520CTGTX SDR |
6 A, 100 V, SILICON, RECTIFIER DIODE 12A 28nsec 100 to 200 V Hyper Fast Center tap Rectifier
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
SSR2010CT |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
EFM202L EFM201L EFM203L EFM204L EFM205L EFM206L EF |
2 A, 150 V, SILICON, RECTIFIER DIODE 2 A, 300 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 2.0 Ampere 2 A, 100 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
BYW80F-100 BYW80-100 |
10 A, 100 V, SILICON, RECTIFIER DIODE PLASTIC, ISOWATT220AC, 2 PIN 10 A, 100 V, SILICON, RECTIFIER DIODE PLASTIC PACKAGE-2
|
ST Microelectronics
|
MBR30H100CTG |
SWITCHMODE Power Rectifier 100 V, 30 A 15 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
ON Semiconductor
|
BYP25A1 BYP25K05 BYP25A05 BYP25A2 BYP25A3 BYP25A4 |
Silicon Press-Fit-Diodes High-temperature diodes 25 A, 300 V, SILICON, RECTIFIER DIODE VGA VIDEO CABLE 100 FT MM 25 A, 100 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 600 V, SILICON, RECTIFIER DIODE Silicon Press-Fit-Diodes High-temperature diodes 25 A, 400 V, SILICON, RECTIFIER DIODE
|
Diotec Semiconductor AG Diotec Elektronische
|
BYV255V-50 BYV255V-100 BYV255V-150 |
100 A, 50 V, SILICON, RECTIFIER DIODE PLASTIC, ISOTOP-4 100 A, 100 V, SILICON, RECTIFIER DIODE PLASTIC, ISOTOP-4 100 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, ISOTOP-4
|
ST Microelectronics
|
|