PART |
Description |
Maker |
BGA318 Q62702-G0043 |
From old datasheet system Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 硅双极单片放大器(级0瓦,增益模块十六分贝典型增益.0 GHz2 dBm典型的P - 1dB的在1.0千兆赫) Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 16 dB typical gain at 1.0 GHz 12 dBm typical P-1dB at 1.0 GHz) 0 MHz - 1200 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BGA312 |
Silicon Bipolar MMIC-Amplifier (Cascadable 50 W-gain block 11 dB typical gain at 1.0 GHz 9 dBm typical P-1dB at 1.0 GHz)
|
Siemens Semiconductor Group
|
BUZ22SMD BUZ22E3045A BUZ22E3046 |
Power MOSFET, 100V,D²PAK , RDSon=0.055 Ohm, 34A, NL Low Voltage MOSFETs - Power MOSFET, 100V,DPAK , RDSon=0.055 Ohm, 34A, NL N-Channel SIPMOS Power Transistor
|
Infineon
|
IPD12N03L IPU12N03L |
DDM43W2S OptiMOS Power MOSFET, 30V, TO251, RDSon = 10.4mOhm, 30A, LL OptiMOS Power MOSFET, 30V, DPAK, RDSon = 10.4mOhm, 30A, LL OptiMOS Buck converter series
|
INFINEON[Infineon Technologies AG] http://
|
MCP60104 MCP604T MCP601 MCP601-E_CH MCP601-E_OT MC |
MCP601 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP602 dual operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 ... MCP603 operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230 and an offset ... The MCP604 quad operational amplifier (op amp) has a gain bandwidth product of 2.8 MHz with low typical operating current of 230. ... 2.7V to 5.5V Single-Supply CMOS Op Amps
|
MICROCHIP[Microchip Technology]
|
ADG1604 ADG1604BCPZ-REEL ADG1604BCPZ-REEL7 ADG1604 |
1 Ω Typical On Resistance, ±5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer 1 楼? Typical On Resistance, 隆戮5 V, 12 V, 5 V, and 3.3 V, 4:1 Multiplexer
|
Analog Devices
|
SPB100N03S2-03 SPP100N03S2-03 SPI100N03S2-03 |
OptiMOS Power-Transistor 的OptiMOS功率晶体 Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 3.3mOhm, 100A, NL Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 3.0mOhm, 100A, NL
|
INFINEON[Infineon Technologies AG]
|
MCP619-I/P MCP619-I/SL MCP619-I/ST MCP617-I/MS MCP |
The MCP619 quad operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP617 dual operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 ... The MCP618 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ... The MCP616 operational amplifier (op amp) has a gain bandwidth product of 190 kHz with a low typical operating current of 19 µA ...
|
Microchip
|
SPI80N03S2L-05 SPP80N03S2L-05 SPB80N03S2L-05 |
80 A, 30 V, 0.0075 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA OptiMOS Power-Transistor 的OptiMOS功率晶体 Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 4.9mOhm, 80A, LL Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 5.2mOhm, 80A, LL
|
INFINEON[Infineon Technologies AG]
|
IPB07N03L IPP07N03L |
80 A, 30 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB OptiMOS Buck converter series OptiMOS Buck converter series OptiMOS Power MOSFET, 30V, TO-220, RDSon = 6.2mOhm, 80A, LL OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 6.2mOhm, 80A, LL
|
INFINEON[Infineon Technologies AG]
|
AQN121L AQN121V AQN321L AQN321VL AQN221L AQN221V A |
TYPICAL APPLICATIONS
|
Panasonic Semiconductor
|
|