PART |
Description |
Maker |
HV600S20 |
400mA 20kV HIGH VOLTAGE DIODES
|
getedz electronics
|
HC20 |
20kV 0.6A HIGH VOLTAGE DIODES
|
getedz electronics
|
HVRT200 |
20kV 30mA HIGH VOLTAGE DIODES
|
getedz electronics
|
LND4885 LND4805 LND4808 LND4809 LND4810 LND4812 LN |
400mA,5V low dropout voltage regulator. 400mA,3.3V low dropout voltage regulator, other fixed versions are also available Vout = 2.0V to 5.0V 400mA Low Dropout Voltage Regulators 400mA,8.5V low dropout voltage regulator. 400mA,12V low dropout voltage regulator.
|
List of Unclassifed Manufacturers ETC[ETC] Linear Dimensions Semiconductor LinearDimensions
|
HV37-08F |
8kV 400mA HIGH VOLTAGE DIODE
|
getedz electronics
|
UX-C2B HVR-1X-40B SHV-02 SHV-03 SHV-03S SHV-06NK S |
High-Voltage Rectifier Diodes High-Voltage Rectifier Diodes 0.35 A, 8 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 4.5 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 12000 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 6000 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 8000 V, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, SILICON, SIGNAL DIODE
|
Sanken Electric Co., Ltd. SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
SS6729-4619CNTB SS6729-4619CNTR SS6729-4619CSTB SS |
400mA Low-dropout Linear Voltage Regulator with Voltage Detector Function
|
Silicon Standard Corp.
|
BAS20 BAS19 BAS21 Q62702-A95 Q62702-A113 Q62702-A7 |
Silicon Switching Diodes (High-speed/ high-voltage switch) From old datasheet system SILICON SWITCHING DIODES (HIGH-SPEED, HIGH-VOLTAGE SWITCH)
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BAS20DWQ-13 BAS21DW-7 BAS20DW-7 BAS20DW-13 |
Discrete - Diodes (Less than 0.5A) - Switching Diodes SURFACE MOUNT HIGH VOLTAGE DUAL SWITCHING DIODE
|
Diodes Incorporated
|
SPX2967T SPX2967 SPX2967U |
400mA Low Dropout Voltage Regulator
|
Sipexoration SIPEX[Sipex Corporation]
|