PART |
Description |
Maker |
1N5985B ON0014 1N6003B 1N5993B 1N5992B 1N5987B 1N5 |
3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.6V齐纳电压,齐纳稳压二极管) 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,6.8V齐纳电压,齐纳稳压二极管) 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,12V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,15V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,18V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,10V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,2.4V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.7V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.1V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,13V齐纳电压,齐纳稳压二极管) From old datasheet system 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35?荤?灏??,6.2V榻?撼?靛?锛??绾崇ǔ??????)
|
MOTOROLA INC ON Semiconductor
|
LTC1736C LTC1736I LTC1736CGTRPBF |
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 3 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO24 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出
|
Linear Technology, Corp.
|
LT1500 LT1500CS LT1500CS-3 LT1500CS-5 LT1500IS LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.3 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO14 Adaptive-Frequency Current Mode Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AP3842S8L |
0.7 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO8
|
DIODES INC
|
UPC1094 UPC1094C UPC1094G UPC1094G-E2 UPC1094G-T1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION
|
NEC Corp. NEC[NEC] http://
|
ADP3051ARMZ-REEL7 |
500 mA Synchronous Buck Switching Regulator
|
Analog Devices
|
NCP1509 NCP1509MNR2 NCP1509MNR2G |
0.8 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO10 Up to 500 mA, 1 MHz, High Efficiency Synchronous Step−Down DC−DC Converter in DFN Package
|
ON Semiconductor
|
2SK393609 2SK3936 |
23 A, 500 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET Switching Regulator Applications
|
Toshiba Semiconductor
|
LT3710EFE LT3710 3710EFE LT3710EFEPBF LT3710EFETR |
Secondary Side Synchronous Post Regulator Secondary Side Synchronous Post Regulator; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINER[Linear Technology]
|
1N5988 1N5993 1N5987 1N5989 1N5997 1N5996 1N6029 1 |
From old datasheet system Axial-Leaded 500 mW Zener Diodes SILICON 500 mW ZENER DIODES 3.3V Input to Regulated 5V Output Charge Pumps Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA Zener Voltage Regulator Diode 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 15 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 100 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
LT3493-3 LT3493EDCB-3 |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
LINEAR TECHNOLOGY CORP
|
|