PART |
Description |
Maker |
AD7828 AD7828BQ AD7828BR AD7828BRS AD7828CQ AD7828 |
LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
|
Analog Devices
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
ADG408BR-REEL7 ADG408BCHIPS ADG408BNZ1 ADG408BRU-R |
LC2MOS, ±15 V, 8 Channel High Performance Analog Multiplexer 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16 LC2MOS 4-/8-Channel High Performance Analog Multiplexers LC2MOS 4-/8-Channel High Performance Analog Multiplexers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADG407BNZ ADG407BPZ ADG406BNZ ADG407BPZ-RL ADG407B |
LC2MOS ± 15 V, 8 Channel, High Performance Analog Multiplexer 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 LC2MOS 8-/16-Channel High Performance Analog Multiplexers LC2MOS ± 15V 16 Channel High Performance Analog Multiplexer 16-CHANNEL, SGL ENDED MULTIPLEXER, PDIP28 LC MOS 8-/16-Channel High Performance Analog Multiplexers LC2MOS 8-/16-Channel High Performance Analog Multiplexers
|
Analog Devices, Inc.
|
ADG419 ADG419BN ADG419BR ADG419BRM ADG419TQ DG419 |
LC2MOS 5 V 25 W Ron SPDT Switch LC2MOS Precision Mini-DIP Analog Switch
|
AD[Analog Devices]
|
AD7847ANZ AD7837 AD7837AN AD7847AQ |
LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP24 LC2MOS Complet, Dual 12-Bit MDACs LC MOS Complete, Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDACS
|
Analog Devices, Inc.
|
AD7847 AD7847AN AD7847AQ AD7847AR AD7847BN AD7847B |
LC2MOS Complete, Dual 12-Bit MDACs DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Complete/ Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure
|
Analog Devices, Inc.
|
BC857C BC856A BC857A BC856B BC857B BC858B BC858C B |
PNP SMALL SIGNAL TRANSISTOR 310MW High Speed CMOS Logic Hex Buffer/Line Driver with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Octal Transparent Latches with 3-State Outputs 20-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counter 16-SOIC -55 to 125 High Speed CMOS Logic 4-Bit by 16-Word FIFO Register 16-SOIC -55 to 125 High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 High Speed CMOS Logic Octal D-Type Flip-Flop with Reset 20-SOIC -55 to 125 High Speed CMOS Logic 8-Bit Universal Shift Register with 3-State Outputs 20-SOIC -55 to 125
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp.
|
ADG609BR-REEL ADG609BRUZ-REEL7 ADG608TRU-REEL ADG6 |
LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer; Package: SOIC; No of Pins: 16; Temperature Range: Industrial 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
2SK3084 EA09398 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N通道马鞍山型(高速,大电流开关,斩波调压器,DC - DC变换器和电机驱动应用 HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS From old datasheet system
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|