PART |
Description |
Maker |
FS1209BH00TU FS1209DH00TU FS1209MH00TU FS1209NH00T |
12 A, 200 V, SCR, TO-220AB 12 A, 400 V, SCR, TO-220AB 12 A, 600 V, SCR, TO-220AB 12 A, 800 V, SCR, TO-220AB
|
|
2N5064AP T107E141 S0510LS253V S1008LS253V EC103A75 |
0.8 A, 200 V, SCR, TO-92 4 A, 500 V, SCR 10 A, 50 V, SCR, TO-220AB 8 A, 100 V, SCR, TO-220AB 0.8 A, 100 V, SCR, TO-92 6 A, 50 V, SCR, TO-220AB 6 A, 100 V, SCR, TO-220AB 4 A, 300 V, SCR, TO-202AB 8 A, 50 V, SCR, TO-202AB 4 A, 50 V, SCR, TO-202AB 10 A, 100 V, SCR, TO-220AB
|
|
2N6506-BD 2N6504-BD 2N6507-AF |
25 A, 200 V, SCR, TO-220AB 25 A, 50 V, SCR, TO-220AB 25 A, 400 V, SCR, TO-220AB
|
MOTOROLA INC
|
CS220-8N CS220-8B CS220-8D CS220-8M CENTRALSEMICON |
SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 600 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 800 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 200 V, SCR, TO-220AB SILICON CONTROLLED RECTIFIER 8.0 AMP, 200 THRU 800 VOLTS 8 A, 400 V, SCR, TO-220AB Leaded Thyristor SCR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N6404-AD 2N6400-BV 2N6403-AF 2N6405-AJ |
16 A, 600 V, SCR, TO-220AB 16 A, 50 V, SCR, TO-220AB 16 A, 400 V, SCR, TO-220AB 16 A, 800 V, SCR, TO-220AB
|
MOTOROLA INC
|
MCR264-10 MCR264-4 MCR264-5 MCR264-6 MCR264-9 MCR2 |
Thyristors 40 A, 200 V, SCR, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
MCR101G-X-XX-T92-K MCR101G-X-XX-T92-B MCR101-6-B-T |
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
CS218I-50M CS218I-50P CS218I-50B CS218I-50PB CS218 |
ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 600 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1000 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 1200 V, SCR, TO-218 ISOLATED TAB SCR 50 AMP, 200 THRU 1200 VOLTS 50 A, 800 V, SCR, TO-218
|
Central Semiconductor, Corp.
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
CYNA16-1200PT |
16 A, 1200 V, SCR, TO-220AB TO-220AB, 3 PIN
|
Crydom, Inc.
|
2N2323 JANTX2N2323 JANTX2N2323A JANTX2N2323AS JANT |
SILICON CONTROLLED RECTIFIER SILICON CONTROLLED RECTIFIER 0.3454 A, 200 V, SCR, TO-5 SILICON CONTROLLED RECTIFIER 1.6 A, 200 V, SCR, TO-205AD LED RED DIFFUSED 1.8X3.5MM RECT SCR, TO-39
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|