PART |
Description |
Maker |
MRT315 |
Time Lag Radial Lead Micro Fuse Series TIME LAG BLOW ELECTRIC FUSE, 0.315A, 277VAC, 100A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
047202.5NAT1L 047202.5NRT1L 047201.5NAT1L 047202.5 |
Axial Lead & Cartridge Fuses PICO? ll > Time-Lag > 472 Series Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 472 Series PICO II, Time-Lag Fuse
|
Littelfuse
|
5ST125-R 5STP400-R 5STP160-R 5ST5-R 5STP3.15-R 5ST |
Fuses, RoHS 125mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.125A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 400mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.4A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 160mA 250V T IEC GLASS LEAD TIME LAG BLOW ELECTRIC FUSE, 0.16A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 5A 250V T IEC GLASS 5X20 Fuses, RoHS 3.15A 250V T IEC GLASS LEAD Fuses, RoHS 125mA 250V T IEC GLASS LEAD Fuses, RoHS 63mA 250V T IEC GLASS LEAD Fuses, RoHS 630mA 250V T IEC GLASS LEAD Fuses, RoHS 5A 250V T IEC GLASS LEAD Fuses, RoHS 800mA 250V T IEC GLASS 5X20
|
Bel Fuse, Inc. BEL FUSE INC
|
0471005.NAT6L 0471005.NRT1L 0471005.NAT1L 0471001. |
Axial Lead & Cartridge Fuses PICO? ll > Time-Lag > 471 Series Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series Axial Lead and Cartridge Fuses
|
Littelfuse
|
MRF800 MRF100 MRF50 MRF500 MRF400 MRF200 MRF250 MR |
TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
|
Bel Fuse Inc.
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
0034.6723 0034.6722 0034.6721 0034.6720 0034.6719 |
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
|
Schurter Inc.
|
0471001.NRT1- 0471001.NRT3- |
PICO? II Time Lag Fuse 471 Series PICO II Time Lag Fuse 471 Series
|
Littelfuse
|
SF-1206SP450M-2 SF-1206SP800M-2 SF-1206SP400M-2 |
Time Lag Multilayer Surface Mount Fuses
|
Bourns Electronic Solut...
|
0001.2504.TR 0001.2502.TR |
TIME LAG BLOW ELECTRIC FUSE, 1A, 250VAC, 300VDC, 1500A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.63A, 250VAC, 300VDC, 1500A (IR), THROUGH HOLE
|
SCHURTER INC
|