PART |
Description |
Maker |
MN102H60G MN102HF60G MN102H60 MN102H60K MN102HF60 |
Microcomputer - 16bit - General Purpose Microcomputers/Controllers MN102H60G , MN102H60K
|
PANASONIC[Panasonic Semiconductor] http://
|
ADSP-2163KP-100 ADSP-2166KS-66 ADSP-2166BS-66 ADSP |
DSP Microcomputers with ROM RECTIFIER FAST-RECOVERY SINGLE 1.5A 100V 50A-ifsm 1V-vf 50ns 5uA-ir DO-15 1K/BULK 100V 1A ULTRA FAST LOW-LOSS CONTROLLED AVALANCHE RECTIFIER, SMA US1 SERIES, DO- DSP Microcomputers with ROM 24-BIT, 16.67 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 10.24 MHz, OTHER DSP, PQCC68 DSP Microcomputers with ROM 24-BIT, 20 MHz, OTHER DSP, PQFP80
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
P8031AH 8051 D8751H D8031 N8031 N8051 P8051 R8751H |
8 BIT CONTROL ORIENTED MICROCOMPUTERS 面向8位控制微 RES 21K-OHM 1% 0.125W 25PPM THIN-FILM SMD-1206 TR-7-PA 8 Bit Control-Oriented Microcomputers
|
Intel Corporation Intel, Corp. Intel Corp.
|
UPD78233L UPD78233 UPD78234GC-3B9 UPD78233GC-3B9 U |
4 to 12 MHz, advanced, 8-bit real-time control microcomputer with A/D and D/A converter ADVANCED, 8 BIT REAL TIME CONTROL MICROCOMPUTERS WITH A/D AND D/A CONVERTERS
|
NEC[NEC]
|
ADSP-2104LKP-55 ADSP-2104KP-80 ADSP-2109LKP-55 ADS |
ADSP-2104/ADSP-2104L: Low Cost DSP Microcomputers Data Sheet (Rev. 0. 7/96) Low Cost DSP Microcomputers
|
ANALOG DEVICES INC Analog Devices, Inc.
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
TMP68HC11E1T-3 TMP68HC11E9 |
Transient Voltage Suppressor Diodes THE TMP68HC05C4 CMOS MICROCOMPUTER IS A MEMBER OF THE 68HC05 FAMILY OF LOW-COST SINGLE-CHIP MICROCOMPUTER 微机的CMOS的TMP68HC05C4是低成本的单家庭成员68HC05的单片机
|
Toshiba, Corp.
|
UPD750008 UPD750008CUA-XXX UPD750008CU-XXX UPD7500 |
75XL series 4B-pin microcomputer on-chip ROM (8Kx8) & RAM(512x4) 4-bit single-chip microcomputer
|
NEC
|
MN101D02D MN101D02F MN101D02G MN101D02H |
Microcomputers/Controllers
|
PANASONIC[Panasonic Semiconductor]
|
MC68705S3 MC68705S3CS MC68705S3S MC6805S2 MC6805S2 |
8-Bit Microcomputers
|
Freescale Semiconductor, Inc
|
MN103SF66R MN103SF77R |
32-bit Microcomputers
|
Panasonic Industrial
|