PART |
Description |
Maker |
CBR10-100P CBR35-100P CBR10-010P CBR10-020P CBR10- |
Leaded Bridge Rectifier General Purpose SILICON BRIDGE RECTIFIER 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 10 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 10 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 25 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 35 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
S80 S380 S125 S250 S500 |
0.8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE Surface Mount Si-Bridge Rectifiers
|
SEMIKRON[Semikron International]
|
SKB25/06 SKD25/12 SKB25/08 SKD25/08 SKB25/16 SKB25 |
Power Bridge Rectifiers 3.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
SEMIKRON
|
GBPC50-02W-G GBPC40-06-G |
50 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE LEAD FREE, PLASTIC, GBPC-W, 4 PIN 40 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
Sensitron Semiconductor
|
FBS10-06SC IXYSCORP-FBS10-06SC |
Silicon Carbide Schottky Rectifier Bridge in ISOPLUS i4-PAC 3 A, 600 V, SILICON CARBIDE, BRIDGE RECTIFIER DIODE
|
IXYS, Corp. IXYS[IXYS Corporation]
|
PD684-6 PD679-6 PD680-6 PD679-3T PD684-1T PD680-3T |
10 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 10 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 20 A, 300 V, SILICON, BRIDGE RECTIFIER DIODE 20 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 20 A, 500 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE 10 A, 500 V, SILICON, BRIDGE RECTIFIER DIODE 20 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 25 A, 500 V, SILICON, BRIDGE RECTIFIER DIODE
|
Ecliptek, Corp. Electronic Theatre Controls, Inc.
|
LN6SB60 |
2.8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
|
MYS250 |
0.5 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
SEMIKRON INTERNATIONAL
|
RBU1005M-HF |
10 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD
|
VUE35-06NO7 |
Three Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 3 PHASE, 56 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS, Corp.
|
|