PART |
Description |
Maker |
WTPB16A60SW |
Sensitive Gate Bi-Directional Triode Thyristor
|
Shenzhen Winsemi Microelectronics Co., Ltd
|
WTPB12A60CW |
Sensitive Gate Bi-Directional Triode Thyristor
|
Shenzhen Winsemi Microelectronics Co., Ltd
|
MCR100 MCR100-8 |
SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS Thyristor for mains operation
|
??『绉???′唤?????? Unisonic Technologies N/A
|
MAC08BT105 MAC08BT1G MAC08MT1G MAC08MT1 MAC08BT1 |
Silicon Bidirectional Thyristor(0.8A锛?00V涓????????纭???哥?) Sensitive Gate Triacs Silicon Bidirectional Thyristors Silicon Bidirectional Thyristor(0.8A00V三端双向可控硅晶闸管) 200 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ONSEMI[ON Semiconductor]
|
NCR169D NCR169DRLRM NCR169DRLRA NCR169D-D NCR169DR |
0.8A 400V SCR From old datasheet system General Purpose Sensitive Gate Silicon Controlled Rectifier Reverse Blocking Thyristor
|
ON Semiconductor
|
MAC997A6RLRP MAC997A8 MAC997A8RL1 MAC997A8RLRP MAC |
Sensitive Gate Triacs Silicon Bidirectional Thyristors SENSITIVE GATE TRACS 617SS Series Unipolar Hall-Effect Digital Position Sensor; dual output; 4-pin DIP IC 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92
|
ONSEMI[ON Semiconductor]
|
BD139-25 BD135-25 BD137-25 |
Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:5mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1.5A I(C) | TO-126 Diac Thyristor; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:Axial Leaded; Peak Surge Current:2A; Breakover Voltage Min:30V RoHS Compliant: Yes 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1.5AI(丙)|126
|
HIROSE ELECTRIC Co., Ltd.
|
TF541S-A TF561S-A |
Thyristors TO-220F 5A High sensitive Thyristor
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BT138XSERIES |
sensitive gate
|
Philips
|
BT138 BT138-600D BT138-600E BT138-800E BT138-600E1 |
4Q Triac 4Q双向可控 12 A four-quadrant triacs, sensitive gate - I<sub>GT</sub>: 10 mA; I<sub>T</sub> (R<sub>MS</sub>): 12 A; V<sub>DRM</sub>: 600 V; Package: SOT78 (TO-220AB); Container: Tube pack 12 A four-quadrant triacs, sensitive gate; Package: SOT78 (TO-220AB); Container: Tube pack
|
NXP Semiconductors N.V.
|