PART |
Description |
Maker |
EL512-750 EL512-500 EL512-20 EL512-40 EL512-400 EL |
High Voltage Synchronous Rectified Buck MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-QFN T&R High Voltage Synchronous Rectified Buck MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Negative Voltage Hot Plug Controller; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Logic IC InfiniBand 12V Bulk and 5V Auxiliary Power Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC Dual Power Distribution Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R High Voltage Synchronous Rectified Buck MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC 逻辑IC High Voltage Synchronous Rectified Buck MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-QFN 逻辑IC
|
Intersil, Corp.
|
2SA1417 2SC3647 2SC3647T 2SA1417S |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 2A I(C) | SOT-89 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 100V的五(巴西)总裁|甲一(c)|采用SOT - 89 High-Voltage Switching Applications
|
Unisonic Technologies Co., Ltd. SANYO[Sanyo Semicon Device]
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|
EDI8F3265C20MZC EDI8F3265C20MMC |
High Speed, Dual Channel Power MOSFET Drivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R X32号的SRAM模块
|
TE Connectivity, Ltd.
|
MBR20200CT |
20 Amp High Voltage 200Volts Barrier Rectifier Power Schottky
|
Micro Commercial Compon...
|
MBR10150CT MBR10150 |
10 Amp High Voltage 150Volts Barrier Rectifier Power Schottky
|
MCC[Micro Commercial Components]
|
MBR20200CT MBR20200CT08 |
20 Amp High Voltage Power Schottky Barrier Rectifier 200Volts
|
Micro Commercial Components
|
PMR209MB5470M100 PMR209MC6220M047 |
High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C *电容类X2 0.047UF 100R High Voltage, High-Side Current Sense Amplifier in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C 钢筋混凝土GLIED 0.22UF 47欧姆
|
Electronic Theatre Controls, Inc.
|