PART |
Description |
Maker |
CQ220-16 CQ220-16B CQ220-16D CQ220-16M CQ220-16N |
Leaded Thyristor TRIAC 16 AMP TRIAC 200 THRU 800 VOLTS 800 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 600 V, 16 A, TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 200 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 16 AMP TRIAC 200 THRU 800 VOLTS 16安培可控00 7860 800伏特
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CTB08-800TW CTB08-1000BW |
TRIAC LOGIC 8A 800V TO-220AB 800 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ALTERNISTOR 1000V 8A TO220AB
|
Crydom, Inc. CRYDOM CORP
|
BCR8PM8 BCR8PM12 |
TRIAC|400V V(DRM)|8A I(T)RMS|TO-220AB TRIAC|600V V(DRM)|8A I(T)RMS|TO-220AB 可控硅| 600V的五(DRM)的| 8A条口(T)的有效值| TO - 220AB现有
|
Sunon, Inc.
|
BTB16-600CW3G BTB16-800CW3G |
600V 16 A, 35mA Igt 3 Quadrant Triac 600 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 800V 16 A, 35mA Igt 3 Quadrant Triac 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
ON Semiconductor
|
X24012SG-3 X24012SG-2.7 X24012SIG-3 X24012SMG ICMI |
TRIAC,TMG10C60,10A,600V TO-220AB,THRUHOLE NON-ISOLATED Serial E2PROM TRIAC,TMG10D60,10A,600V TO-220AB,THRUHOLE NON-ISOLATED 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 TRIAC,TMG12C80,12A,800V TO-220AB,THRUHOLE NON-ISOLATED 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
IC MICROSYSTEMS Sdn. Bhd. Sharp, Corp.
|
BT139-800127 |
Triacs - I<sub>GT</sub>: 35 mA; I<sub>T</sub> (R<sub>MS</sub>): 16 A; V<sub>DRM</sub>: 800 V; Package: SOT78 (TO-220AB); Container: Tube pack 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V.
|
CQ220-12NFP |
12 AMP TRIAC 600 THRU 800 VOLTS 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor, Corp.
|
MOC3010M MOC3011M MOC3012M MOC3020M MOC3021M MOC30 |
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK) 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor (MOC3010M - MOC3023M) 6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK) 6-Pin DIP 400V Random Phase Triac Driver Output Optocoupler 6-Pin DIP 250V Random Phase Triac Driver Output Optocoupler
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CTA06-400B CTB06-400B CTA06-400BPT CTB06-400BPT CT |
6Amp - 400/600/800/1000V - TRIAC 800 V, 6 A, ALTERNISTOR TRIAC, TO-220AB 600 V, 6 A, ALTERNISTOR TRIAC, TO-220AB 6Amp - 400/600/800/1000V - TRIAC
|
List of Unclassifed Manufacturers CYNERGY3 CORP List of Unclassifed Man...
|
MAC9M-BA |
600 V, 8 A, TRIAC, TO-220AB
|
MOTOROLA INC
|
MAC210-10-BC |
800 V, 10 A, TRIAC, TO-220AB
|
MOTOROLA INC
|
|