PART |
Description |
Maker |
2N930CSM |
HIGH SPEED, MEDIUM POWER, NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED MEDIUM POWER NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH SPEED/ MEDIUM POWER/ NPN GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS Supercapacitor; Capacitance:0.68F; Series:EDL; Voltage Rating:5.5VDC; Capacitor Dielectric Material:Carbon Aerogel Foam; Package/Case:Stacked Coin
|
Central Semiconductor Corp SEME-LAB[Seme LAB] TT electronics Semelab Limited
|
BB644 Q62702-B0907 Q62702-B0905 |
Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Group
|
MCM01 MCM01-001CC090A-T MCM01-001CC090A-TF MCM01-0 |
SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors Mica Film Capacitor; Capacitance:3.3pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:300V CAPACITOR, MICA, 500 V, 0.0000033 uF, SURFACE MOUNT
|
Cornell Dubilier Electr... Cornell Dubilier Electronics, Inc.
|
CAT24FC16RITE13REV-F CAT24FC16JITE13REV-F CAT24FC1 |
CAT5E PATCH CORD 100MHZ 4 FOOT BEIGE Aluminum Electrolytic SMT General Purpose Capacitor; Capacitance: 33uF; Voltage: 25V; Case Size: 6.3x5 mm; Packaging: Tape & Reel LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: SOIC NARROW; No of Pins: 8 16-kb I2C Serial EEPROM 16-kb, High Speed, Low Voltage I2C Serial EEPROM
|
CATALYST[Catalyst Semiconductor]
|
2PD601A 2PD601AQ 2PD601AR 2PD601AS |
NPN general purpose transistor Paper Capacitor; Voltage Rating:1500VDC; Capacitor Dielectric Material:Paper; Capacitance:12uF; Capacitance Tolerance: 10%; Lead Pitch:20.64mm; Leaded Process Compatible:No; Package/Case:D; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Philips Semiconductors NXP Semiconductors N.V.
|
380L563M025A072 382LX823M035N102 380LX822M050K032 |
85 ?C High-Capacitance Snap-In 85 垄陋C High-Capacitance Snap-In 85 ?C High-Capacitance Snap-In 85 ?C High-Capacitance Snap-In High-Capacitance Snap-In
|
List of Unclassifed Man... Cornell Dubilier Electr... Cornell Dubilier Electronic... List of Unclassifed Manufac... ETC List of Unclassifed Manufacturers http:// Cornell Dubilier Electronics
|
NUP4201MR6 NUP4201MR6T1G NUP4201MR6T1 NUP4201 |
Low Capacitance Surface Mount TVS for High-Speed Data Interfaces Low Capacitance TSOP-6 Diode-TVS Array for High Speed Data Lines Protection
|
ONSEMI[ON Semiconductor]
|
VS901SL |
Low Capacitance TVS Diode General Purpose Protection Device
|
Sanyo Semicon Device
|
SA57031-XX SA57031-25 SA57031-26 SA57031-31 SA5703 |
Micropower 150 mA, low-noise, low dropout linear regulator with on/off 微功耗为150 mA,低噪声,低压差线性稳压器的开/ RECTIFIER BRIDGE 25A 800V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY CAP CERAMIC MONO .1UF 50V 10% Ceramic Multilayer Capacitor; Capacitance:22pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:1.2pF; Capacitance Tolerance: 0.5pF; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0603; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1.5pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitance:1pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor
|
TE Connectivity, Ltd. NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
2SC4132 |
High breakdown voltage Low collector output capacitance High transition frequency Ft=80MHz)
|
TY Semiconductor Co., Ltd
|
GT3200-JD |
Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 5x11 mm; Packaging: Bulk
|
SMSC Corporation
|
P23-34C P24-4C P24-24C P74-13C P74-33C M48-18 M48- |
1 ELEMENT, 2400000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 360000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 43000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 72000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 500000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7200 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 86000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 250 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 720 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 200 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3600000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12250 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 750000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 175 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 17500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8600 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 300000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 6000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 24000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 400 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 600000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 50000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 860000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 20000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 60000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR
|
ZETTLER electronics GmbH CTS, Corp.
|
|