PART |
Description |
Maker |
STB6NB90 6439 |
N - CHANNEL 900V - 1.7 Ohm - 5.8A - D 2 PAK PowerMESH MOSFET From old datasheet system N - CHANNEL 900V - 1.7OHM - 5.8A - D2PAK PowerMESHO MOSFET N-CHANNEL Power MOSFET
|
SGS Thomson Microelectronics STMicroelectronics 意法半导 ST Microelectronics
|
STU8NB90 6380 |
N-CHANNEL 900V - 0.7 Ohm - 8.9A - Max220 PowerMESH MOSFET OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN N-CHANNEL 900V - 0.7 - 8.9A - Max220 PowerMESH TM MOSFET N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFPF30 |
900V Single N-Channel HEXFET Power MOSFET in a TO-247AC package HEXFET? Power MOSFET Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 900V,的Rds(on)\u003d 3.7ohm,身份证\u003d 3.6A
|
International Rectifier, Corp.
|
IRFPF50 IRFPF50PBF |
900V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=900V, Rds(on)=1.6ohm, Id=6.7A)
|
International Rectifier
|
FQI3N90 FQB3N90 FQB3N90TM FQI3N90TU |
900V N-Channel MOSFET(漏源电压900V的N沟道增强型MOSFET) 900V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STB3NC90 STB3NC90Z |
N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESHIII MOSFET N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH⑩III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRFBF30 |
900V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=900V, Rds(on)=3.7ohm, Id=3.6A) Power MOSFET(Vdss=900V/ Rds(on)=3.7ohm/ Id=3.6A)
|
International Rectifier
|
FQI2N90 FQB2N90 FQB2N90TM FQI2N90TU |
900V N-Channel MOSFET 900V N-Channel QFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STF9NK90Z STP9NK90Z STW9NK90Z ST_STP9NK90Z STF9NK9 |
N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 900V 1.1 OHM 8A TO-220 TO-220FP TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESHPower MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STE40NK90ZD06 |
N-channel 900V - 0.14Ω - 40A ISOTOP Super FREDmesh MOSFET N-channel 900V - 0.14ヘ - 40A ISOTOP Super FREDmesh⑩ MOSFET N-channel 900V - 0.14Ω - 40A ISOTOP Super FREDmesh?/a> MOSFET
|
STMicroelectronics
|
FQP5N90 |
900V N-Channel MOSFET 5.4 A, 900 V, 2.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STF3HNK90Z STP3HNK90Z |
N-CHANNEL 900V - 3.5OHM - 3A - TO-220/TO-220FP ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V - 3.5W - 3A TO-220 - TO-220FP Zener-Protected SuperMESHTM Power MOSFET
|
ST Microelectronics STMicroelectronics
|