PART |
Description |
Maker |
FODM302 FODM3022 FODM30XX FODM3053R1NL FODM3023R1 |
400V Random Phase Triac Driver 5mA; ; No of Pins: 4; Container: Tape & Reel 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 600V Random Phase Triac Driver 5mA 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 4-Pin Full Pitch Mini-Flat Package Random-Phase Triac Driver Output Optocouplers
|
Fairchild Semiconductor, Corp.
|
MOC3041 MOC3043 MOC3042 |
6-Pin DIP Zero-Cross Optoisolators Triac Driver Output 1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
MOC3010MNL |
6-Pin DIP 250V Random Phase Triac Driver Output Optocoupler 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
Fairchild Semiconductor, Corp.
|
PC3SD12NTZ PC3SD12YTZAF PC3SD12NXZAF |
VDRM : 600V, Cost effective Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, SMT, PLASTIC, DIP-6/5
|
Sharp Electrionic Components Sharp, Corp. Sharp Electronics, Corp.
|
BRT12-H-X017 BRT12-M-X001 BRT12-H-X007 VISHAYSEMIC |
Optocoupler - Trigger Device Output, 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER, ROHS COMPLIANT, SMD, 6 PIN Optocoupler - Trigger Device Output, 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER, ROHS COMPLIANT, DIP-6
|
Vishay Semiconductors
|
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
VO3052-X007 BRT13F |
1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
VISHAY INTERTECHNOLOGY INC
|
EL3010TA EL3051MTB |
1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
EVERLIGHT ELECTRONICS CO LTD
|
AC08FSMA AC08DSMA |
8A resin insulating TRIAC (AC08DSMA / AC08FSMA) 8A RESIN INSULATION TYPE TRIAC 8A RESIN INSULATION TYPE TRIAC 8A条树脂绝缘型可控 ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 8A条树脂绝缘型可控
|
NEC[NEC] NEC Corp. NEC, Corp.
|
EL3041M-V EL3043M EL3043S1 EL3041S EL3043STB EL308 |
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER
|
EVERLIGHT ELECTRONICS CO LTD
|
MOC3031 |
1 CHANNEL TRIAC OUTPUT WITH ZERO CRSVR OPTOCOUPLER
|
MOTOROLA INC
|