PART |
Description |
Maker |
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
1KSMBJ11A 1KSMBJ9.1A 1KSMBJ51A 1KSMBJ91A 1KSMBJ24A |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:600V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41 Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor 硅雪崩二极管- 1000瓦表面贴装瞬态电压抑制器
|
Littelfuse, Inc.
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
SL74HC123N SL74HC123D SL74HC123 HC123 |
Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:1000V; Forward Current Avg Rectified, IF(AV):2A; Non Repetitive Forward Surge Current Max, Ifsm:70A; Forward Voltage Max, VF:1.1V; Package/Case:DO-15 双Retriggerable单稳态触发器 Dual Retriggerable Monostable Multivibrator
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
Q62703-Q3170 Q62703-Q3176 Q62703-Q3177 Q62703-Q355 |
Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED Hyper 3 mm T1 LED/ Non Diffused Hyper-Bright LED FILTER CHIP 26 OHM 6A 0603 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 50842042 Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 3毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, ORANGE, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
559-0103-003F 559-0303-003F 559-0202-003F 559-0102 |
; Bulb Size:5mm; LED Color:Red; Luminous Intensity:2mcd; Viewing Angle:60 ; Forward Current:13mA; Forward Voltage:12V; Operating Temperature Range:-40 C to 85 C RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED, RED, 5 mm T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm ROHS COMPLIANT PACKAGE-2 LED Lamp; LED Color:Green; Luminous Intensity:8ucd; Forward Current:12mA; Forward Voltage:5V; Color:Green RoHS Compliant: Yes T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, RED, 5 mm ROHS COMPLIANT PACKAGE-2 LED Lamp; LED Color:Green; Luminous Intensity:4ucd; Forward Current:13mA; Forward Voltage:12V; Color:Green RoHS Compliant: Yes
|
Dialight PLC DIALIGHT CORP
|
566-0307F |
LED Lamp; LED Color:Yellow; Luminous Intensity:3.5mcd; Viewing Angle:110 ; Forward Current:20mA; Forward Voltage:2.1V; Operating Temperature Range:-55 C to ? C; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
DIALIGHT CORP
|
607-1112-130F 607-3132-340F 607-3132-130F 607-3132 |
LED Panel Mount Indicators for 7.2mm Mounting Hole w/ Optional Watertight Capability LED Lamp; Color:Green; Luminous Intensity (MSCP):50mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Green; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm LED Lamp; Color:Red; Luminous Intensity (MSCP):22mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Red; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm LED INDICATOR, PROM 6VDC YELLOWLED INDICATOR, PROM 6VDC YELLOW; Colour, LED:Yellow; Current, forward If:15mA; Depth, LED segment:4.07mm; Depth, external:22.10mm; Diameter, External:8.13mm; Diameter, fixing hole:7mm; Diameter, LED Lamp; Color:Yellow; Luminous Intensity (MSCP):66mcd; Voltage Rating:6V; Forward Current:15mA; Forward Voltage:6V; LED Color:Yellow; Leaded Process Compatible:Yes; Lens Style:(H x Dia) 27.69 x 8.38 mm; Lens Width:7.37mm
|
Dialight Corporation
|
SMV1142 SMV1142-011 SMV1143-011 SMV1144-011 SMV114 |
LED Mount; Bulb Size:T-1; LED Color:Green; Luminous Intensity:30mcd; Viewing Angle:45 ; Forward Current:30mA; Forward Voltage:2.2V; Operating Temperature Range:-40 C to 85 C; Leaded Process Compatible:Yes RoHS Compliant: Yes Hyperabrupt Junction Tuning Varactors
|
Alpha Industries, Inc. ALPHA[Alpha Industries] Alpha Industries Inc
|
E28 E116 E113 E30 E106 E103 E105 E112 E209 E3 E100 |
Yellow, mini LED. Lens translucent. Luminous intensity at 10mA: 2.0mcd(min), 3.5mcd(max). Forward voltage at 20mA: 2.1V(typ), 2.5V(max). Orange InGaAIP, T-1 3/4, ultra bright LED. Lens orange translucent. Luminous intensity at 20mA: 700mcd(min), 3000mcd(max). Forward voltage at 20mA: 1.8V(typ), 2.3V(max). Super bright green, mini LED. Lens translucent. Luminous intensity at 10mA: 10.0mcd(min), 16.0mcd(max). Forward voltage at 20mA: 2.2V(typ), 2.5V(max). Green T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 5.0mcd(typ), 20.0mcd(max). Forward voltage at 20mA: 2.2V(typ), 2.5V(max). Red T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 12.5mcd(typ), 32.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max). T-1 bright white LED / Lens clear Miniature LEDs 微型发光二极 Orange, mini LED. Lens translucent. Luminous intensity at 10mA: 3.0mcd(min), 7.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.6V(max). Yellow T-1, right angle LED(3mm). Lens diffused. Luminous intensity at 10mA: 5.0mcd(typ), 20.0mcd(max). Forward voltage at 20mA: 2.1V(typ), 2.5V(max). High efficiency red, mini LED. Lens translucent. Luminous intensity at 10mA: 4.0mcd(min), 7.0mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max)(max). Ultra bright red, mini LED. Lens translucent. Luminous intensity at 10mA: 20.0mcd(min), 60.0mcd(max). Forward voltage at 20mA: 1.85V(typ), 2.5V(max)(max). Yellow InGaAIP, T-1 3/4, ultra bright LED. Lens yellow translucent. Luminous intensity at 20mA: 400mcd(min), 1600mcd(max). Forward voltage at 20mA: 2.0V(typ), 2.5V(max).
|
Gilway Technical Lamp International Light Technologies Inc. International Light Technologies, Inc.
|
|