PART |
Description |
Maker |
AOK10B60D |
600V, 10A Alpha IGBT with Diode
|
Alpha & Omega Semiconductors
|
FGB20N6S2D FGH20N6S2D FGB20N6S2DT FGP20N6S2D |
600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode Switch Mode Power Supply; Output Power:300W; No. of Outputs:1; Output 1 VDC :5VDC; Output Current 1:60A; Power Supply Mounting:Chassis; Output Current:60A; Output Power Max:300W; Output Voltage:5VDC; Series:JWS RoHS Compliant: Yes 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Stealth Diode, TO-263/D2PAK Package 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HGTG30N60B3D |
60A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode(60A, 600V, UFS系列 带超快二极管N沟道绝缘栅双极型晶体 60 A, 600 V, N-CHANNEL IGBT, TO-247
|
Intersil, Corp.
|
Q67040-S4340 SKP06N60 Q67040-S4230 Q67040-S4231 SK |
Fast S-IGBT in NPT-Technology with An... IGBTs & DuoPacks - 6A 600V TO263AB SMD IGBT Diode IGBTs & DuoPacks - 6A 600V TO220-3-31 (Fullpack) IGBT Diode Fast IGBT in NPT-technology with soft fast recovery anti-parallel EmCon diode Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
|
INFINEON[Infineon Technologies AG]
|
SKW30N60 |
IGBTs & DuoPacks - 30A 600V TO247AC IGBT Diode Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
|
INFINEON[Infineon Technologies AG]
|
FGH40N6S2D FGH40N6S2DNL |
75 A, 600 V, N-CHANNEL IGBT, TO-247 600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V/ SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode 600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth TM Diode
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HGT4E20N60A4DS HGTG20N60A4D HGTG20N60A4 |
CONNECTOR ACCESSORY 70 A, 600 V, N-CHANNEL IGBT, TO-268AA 600V/ SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
SGB06N60 SGD06N60 SGP06N60 Q67040-S4450 SGU06N60 Q |
Heat Sink; Package/Case:TO-220; Thermal Resistance:13.4 C/W; Mounting Type:Through Hole; Length:25.4mm; Height:12.7mm; Width:34.92mm; Body Material:Plastic; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Fast IGBT in NPT-technology IGBTs & DuoPacks - 6A 600V TO263AB SMD IGBT IGBTs & DuoPacks - 6A 600V TO252AA SMD IGBT IGBTs & DuoPacks - 6A 600V TO220AB IGBT
|
INFINEON[Infineon Technologies AG]
|
IRG4BC20FD IRG4BC20FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A)
|
International Rectifier IRF
|
HGTG30N60A4D |
600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 600V/ SMPS Series N-Channel IGBT with
|
Fairchild Semiconductor
|
IRG4PC30UD |
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|