PART |
Description |
Maker |
189-047-C-D610-6 189-047-M-D610-6 189-047-NF-D610- |
Plug Protective Cover for Single Channel 180-071 Fiber Optic Connector
|
Glenair, Inc. http://
|
0471510011 47151-0011 |
0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, 0.76渭m (30渭") Gold (Au) Plating,Front Solder Tab Length 1.80mm (.071"), Shell Nickel (Ni) Plated, without Ba 0.50mm (.020) Pitch HDMI* Receptacle, Right Angle, 0.76μm (30μ) Gold (Au) Plating,Front Solder Tab Length 1.80mm (.071), Shell Nickel (Ni) Plated, without Back Cover, Natural Housing
|
Molex Electronics Ltd.
|
0674911032 67491-1032 |
1.27mm (.050) Pitch Serial ATA High Speed Header, Through Hole, Vertical, 7Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, with 2.05mm (.081) PC TailLength, for 1.60mm (.063) PCB, Lead-free MOLEX Connector
|
Molex Electronics Ltd.
|
SLOTTEN-4-17 SLOTTEN-2-17 SLOTTEN-3-17 SLOTTEN-5-1 |
SHIELDED, 288 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 286 uH - 630 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 230 uH - 310 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 72 uH - 163 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 303 uH - 765 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 66 uH - 136 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 67.2 uH - 100.2 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 52.7 uH - 71.3 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 67.2 uH - 100.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 280 uH - 432 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.76 uH - 2.64 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.2 uH - 1.8 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 2.4 uH - 5.4 uH, VARIABLE INDUCTOR DIP-5 UNSHIELDED, 1.25 uH - 2.75 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 2.9 uH - 3.9 uH, VARIABLE INDUCTOR DIP-5 SHIELDED, 18.7 uH - 25.3 uH, VARIABLE INDUCTOR DIP-5
|
Coilcraft, Inc.
|
0471518351 47151-8351 |
0.50mm (.020) Pitch HDMI Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071), Contact 0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071"), Contact
|
Molex Electronics Ltd.
|
47151-8242 0471518242 |
0.50mm (.020") Pitch HDMI* Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071"), Contact 0.25渭m (10渭") Gold (Au) Plating, with Flange and Back Cover 0.50mm (.020) Pitch HDMI* Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071), Contact 0.25μm (10μ) Gold (Au) Plating, with Flange and Back Cover and Dimple
|
Molex Electronics Ltd.
|
47151-8252 0471518252 |
0.50mm (.020") Pitch HDMI Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071"), Contact Gold 0.50mm (.020) Pitch HDMI Receptacle, Right Angle, Front Solder Tab Length 1.80mm (.071), Contact Gold
|
Molex Electronics Ltd.
|
S1008R-153K S1008R-101K S1008R-181K S1008R-102K S1 |
Shielded Surface Mount Inductors 1 ELEMENT, 0.68 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD ROHS COMPLIANT INDUCTOR SHIELDED .56UH SMD 1 ELEMENT, 0.56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED .10UH SMD 1 ELEMENT, 0.1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED .33UH SMD 1 ELEMENT, 0.33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED .91UH SMD 1 ELEMENT, 0.91 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED .82UH SMD 1 ELEMENT, 0.82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 2.7UH SMD 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 10UH SMD 1 ELEMENT, 10 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 15UH SMD 1 ELEMENT, 15 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 27UH SMD 1 ELEMENT, 27 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED .47UH SMD 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 1.0UH SMD 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 33UH SMD 1 ELEMENT, 33 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Toroidal Surface Mount Inductors 1 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 2.2UH SMD 1 ELEMENT, 2.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 1.5UH SMD 1 ELEMENT, 1.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 0.62 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
API Delevan
|
2745H2 2745AK2 |
T1/E1 Transformer Shielded 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
|
BEL[Bel Fuse Inc.]
|
0504097725 50409-7725 |
Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 1/2 (M12), Oxygen-Free Copper, Length 78.00mm (3.071
|
Molex Electronics Ltd.
|
50409-7925 0504097925 |
Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 5/8 (M16), Oxygen-Free Copper, Length 78.00mm (3.071)
|
Molex Electronics Ltd.
|
|