PART |
Description |
Maker |
WPANTDP028 |
This single band dipole antenna is an ideal solution for single band WLAN access points operating in the ISM 2.45GHz band
|
World Produts Inc.
|
DRT107V040F048A DRT117V040F052 DRT127V040F056A DRD |
CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5340 MHz - 5740 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4890 MHz - 5340 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4480 MHz - 4890 MHz DISC TYPE DIELECTRIC RESONATOR, 3440 MHz - 3740 MHz DISC TYPE DIELECTRIC RESONATOR, 4060 MHz - 4420 MHz DISC TYPE DIELECTRIC RESONATOR, 6170 MHz - 6710 MHz DISC TYPE DIELECTRIC RESONATOR, 5220 MHz - 5680 MHz DISC TYPE DIELECTRIC RESONATOR, 7300 MHz - 7930 MHz DISC TYPE DIELECTRIC RESONATOR, 7930 MHz - 8640 MHz DISC TYPE DIELECTRIC RESONATOR, 6710 MHz - 7300 MHz DISC TYPE DIELECTRIC RESONATOR, 2910 MHz - 3160 MHz DISC TYPE DIELECTRIC RESONATOR, 4420 MHz - 4800 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3450 MHz - 3760 MHz DISC TYPE DIELECTRIC RESONATOR, 3160 MHz - 3440 MHz DISC TYPE DIELECTRIC RESONATOR, 11100 MHz - 12070 MHz
|
MURATA MANUFACTURING CO LTD
|
KHB2475B01 |
DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC) US-C/P
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
C1206C106J3RACTU C1206C106J9RACTU C0805C106K4RACTU |
X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) X7R Dielectric, 6.3 ?250 VDC (Commercial Grade) X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
|
Kemet Corporation
|
ANT-2.45-CHP-X ANT-245-CHP-X ANT-245-CHP |
2.45GHz ULTRA COMPACT CHIP ANTENNA DATA GUIDE
|
List of Unclassifed Manufacturers ETC
|
DRD127BM056A DRD026BF012B MURATAMANUFACTURINGCOLTD |
DISC TYPE DIELECTRIC RESONATOR, 4830 MHz - 5250 MHz DISC TYPE DIELECTRIC RESONATOR, 23670 MHz - 25940 MHz DISC TYPE DIELECTRIC RESONATOR, 20030 MHz - 21750 MHz DISC TYPE DIELECTRIC RESONATOR, 18400 MHz - 20030 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 9550 MHz - 10420 MHz DISC TYPE DIELECTRIC RESONATOR, 5700 MHz - 6210 MHz DISC TYPE DIELECTRIC RESONATOR, 5250 MHz - 5700 MHz
|
MURATA MANUFACTURING CO LTD
|
4DFB-920A-11 |
Dielectric Filters for Surface Mounting 920 MHz, DIELECTRIC BPF
|
TOKO, Inc.
|
C0805L475K9PAC C0805S273M5RAC C0402S103J1RAC C0402 |
Surface Mount Ceramic Chip Capacitors - Low Profile Series - X5R Dielectric Fail-Safe Floating Electrode MLCC / FE-CAP / X7R Dielectric
|
KEMET[Kemet Corporation]
|
HY57V641620HGT-6I HY57V641620HGT-7I HY57V641620HGT |
SDRAM - 64Mb 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 6 ns, PDSO54 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 5 ns, PDSO54 x16 SDRAM x16内存 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 4.5 ns, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN Ceramic Multilayer Capacitor; Capacitance:10000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:0805; Series:MLCC; Dielectric Material:Ceramic; Leaded Process Compatible:Yes CAP SMD 0805 .01UF 50V 5% CONNECTOR ACCESSORY From old datasheet system
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
6DFB-881E-10 |
Dielectric Filters DIELECTRIC BPF
|
TOKO, Inc.
|
6DFC-1090C-10 |
Dielectric Filters DIELECTRIC BPF
|
TOKO, Inc.
|