PART |
Description |
Maker |
51198-1100 51198-1400 |
2.5 W/W PANEL MOUNT HSG 11 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG 2.5 W/W PANEL MOUNT HSG 14 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
73838-0007 73838-0008 73838-0006 |
SL TPA for SL Crimp Hsg 7Ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP SL TPA for SL Crimp Hsg 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP SL TPA for SL Crimp Hsg 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
R223182000 R223.182.000 |
RIGHT ANGLE PLUG CRIMP TYPE CABLE TERMINATED, MALE, RF CONNECTOR, CRIMP, PLUG
|
List of Unclassifed Manufacturers RADIALL S A
|
55087-6819 |
EBBI 50D SMT Plug Hsg Assy 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
22-55-2502 22-55-2442 22-55-2462 22-55-2262 |
Multipole Connector; Number of Contacts:50; Pitch Spacing:0.1"; Number of Rows:2; Body Material:Polyester, Glass-filled; Connecting Termination:Crimp; Gender:Female 50 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt B DR Polzg 44Ckt 44 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL Hsg Opt B DR Polzg 46Ckt Terminal Block; Body Material:Polyester, Glass-filled; Color:Black RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
73251-0151 |
SMA PLUG CRIMP TYPE CABLE TERMINATED, MALE, SMA CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
501193-0000 501940-XX07 501953-XX07 501571-XX07 50 |
1.0 WtB 2-Row Rec Hsg 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 WtB 2-Row Rec Hsg 40Ckt 40 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.0 WtB 2-Row Rec Hsg 30Ckt 30 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 1.00mm (.039) pitch wire-to-board connector 1.00mm (.039") pitch wire-to-board connector
|
Molex, Inc. http:// Molex Electronics Ltd.
|
43301-1003 |
Flat Blade Rcpt Hsg V-2 3Ckt 3 CONTACT(S), TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
LFM20-9P LFM20-3.3P LFM20-5P LFM20-15 |
CONN,RF,SMA,901-9876-RFX-VP, PLUG,CRIMP,RG-58/U,50 OHM CONN,RF,SMA,901-143-6RFX-VP, JACK,RECEPTABLE,PCB,R/A,50 OHM CONN,SMA,FEMALE,PCB MOUNT, 19-46G-R,901-144-8RFX-VP-R TRANS,WALL,1.5,3,4.5,6,7.5,9, 12VDC/1000mA,(120/220VAC) CONN,RF,SMA,901-9877-RFX-VP, PLUG,CRIMP,RG-174/U,50 OHM CONN,RF,MMCX,908-43200-VP, PLUG,CRIMP,R/A,RG-178,50 OHM 20W Ultraminiature Open Frame Switching Power Supplies
|
Astrodyne, Inc.
|
790-025SH-5P5NZNUK 790-025SH-5P5NZNUL 790-025SH-5P |
Cable Connectors, Crimp Termination 15 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG 23 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG 66 CONTACT(S), FEMALE, D MICROMINIATURE CONNECTOR, CRIMP, PLUG
|
Glenair, Inc. GLENAIR INC
|
1-350720-2 1-350720-3 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); 09P UMNL V0 PLUG HSG ORANGE ( AMP ) .250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); 09P UMNL V0 PLUG HSG RED ( AMP )
|
Tyco Electronics
|
|