PART |
Description |
Maker |
0040.1012 0040.1013 0040.1015 0040.1011 0040.1014 |
TEST JACKS, TEST PROBES / PRUFSTECKER, PRUFBUCHSEN
|
Schurter Inc.
|
MTJG1066521 MTJG1066522 MTJG1066212 MTJG1066511 MT |
MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
|
Adam Technologies, Inc.
|
6249-12-0 6249-24-0 6249-48-0 6249-24-2 6249-12-2 |
Test Clip To Multi-Stacking Banana Plug Test Lead
|
Pomona Electronics
|
4400-094 4400-094LF |
Electrical Testing per Tusonix standard test plans and Mil-Std-202 Test Methods
|
List of Unclassifed Manufacturers
|
NTE1V300 NTE524V48 NTE524V13 NTE524V15 NTEV480 NTE |
Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 270 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 430 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 390 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 56 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 120 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 150 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 82 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 68 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 33 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 39 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 27 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 24 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 22 V @ 1mA DC test current. Metal oxide varistor. Case diameter 8.5 mm. Nominal varistor voltage 18 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 47 V @ 1mA DC test current. Metal Oxide Varistors (MOV) 金属氧化物压敏电阻(MOV)的 Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 750 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 100 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 470 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 240 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 216 V @ 1mA DC test current. Metal oxide varistor. Case diameter 16 mm. Nominal varistor voltage 171 V @ 1mA DC test current. Metal oxide varistor. Case diameter 23 mm. Nominal varistor voltage 430 V @ 1mA DC test current.
|
NTE[NTE Electronics] NTE Electronics, Inc.
|
SJ1-3535NG SJ1-353XNG SJ1-3534NG SJ1-3533NG |
3.5 MM AUDIO JACKS
|
Bel Fuse Inc.
|
RAPC752 RAPC752S RASM752TR RASM752STR |
JACKS AND PLUGS
|
Switchcraft, Inc.
|
SJ1-3524N |
3.5 MM AUDIO JACKS
|
CUI INC
|
TS6K8A-A TS2K8A-C TS6K8A-C TS6K8A-S TS6K8B-A TS2K8 |
Modular Jacks
|
Yamaichi Electronics Co., Ltd. Yamaichi Electronics Co., L... Yamaichi Electronics Co...
|
RJHS-5381 |
Modular Jacks
|
Amphenol
|
SJ2000 SP2000 LJ-40-10 SP20011 |
Shorting Plugs and Jacks
|
Aries Electronics, Inc.
|