PART |
Description |
Maker |
55447-0570 |
Mini Mi2 1-Row Wafer Assy 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
5289-5A 10311028 0010311028 0010311048 0010311068 |
KK 5/7.5 WAFER ASSY WITH LOCK
|
Molex Electronics Ltd.
|
10-63-1039 10-63-1079 10-63-1049 |
5.08MM 3CKT KK WAFER ASSY 528503A 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 5.08SPOX ST FR/LC HDR 7CK 528507A 5.08MM 4CKT KK WAFER ASSY 528504A
|
Molex, Inc. MOLEX INC
|
09-75-2054 09-75-2034 09-75-2024 09-75-2064 09-75- |
KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
|
Molex Electronics Ltd.
|
53780-3070 53780-1270 53780-1870 537803070 53780-2 |
1.25 W/B CONN WAFER ASSY FOR SMT
|
Molex Electronics Ltd. http://
|
053307-4071 |
0.8 B-TO-B WAFER ASSY SMT EMBSTP PKG -LEAD FREE-
|
Molex Electronics Ltd.
|
53324-0860 |
2.0 WtB Wafer Assy Str 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
09-67-4062 |
3.96MM 6CKT WAFER ASSY 527506A 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
4-521384-4 |
Positive Lock Connectors; ASSY PL R/A RAST5 HEADER 04-G ( AMP )
|
Tyco Electronics
|
09-52-1105 09-62-6105 09-62-6125 09-62-4089 09-52- |
KK 156 PCB Assy Top no hooks 10 Ckt Tin 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 10 Ckt Tin 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 12 Ckt Tin 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 08 Ckt Gold 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top no hooks 08 Ckt Tin 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 PCB Assy Top 15 Ckt Tin 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 156 KK PCB T/E WO/Hook Tin 5Ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 9623153 PC Board Connector; Number of Contacts:10; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Phosphor Bronze; Contact Plating:Gold; Gender:Female PC Board Connector; Number of Contacts:7; Pitch Spacing:3.96mm; Number of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Material:Phosphor Bronze; Contact Plating:Gold; Gender:Female
|
Molex, Inc. MOLEX INC
|
|