PART |
Description |
Maker |
DS26519G |
16-Port T1/E1/J1 Transceiver DATACOM, FRAMER, PBGA484
|
Maxim Integrated Products, Inc.
|
78P2343-IEL/F 78P2343-IELR 78P2343JAT-IEL/F 78P234 |
DATACOM, PCM TRANSCEIVER, PQFP100 LEAD FREE, LQFP-100 DATACOM, PCM TRANSCEIVER, PQFP100 LQFP-100
|
Teridian Semiconductor, Corp.
|
78P2342-IEL 78P2342JAT-IEL/F 78P2342JAT-IELR 78P23 |
DATACOM, PCM TRANSCEIVER, PQFP100 LQFP-100 DATACOM, PCM TRANSCEIVER, PQFP100 LEAD FREE, LQFP-100
|
Teridian Semiconductor, Corp.
|
CS62180B-IL |
T1 FRAMER Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 DATACOM, FRAMER, PQCC44
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
XRT82L24AIV |
DATACOM, PCM TRANSCEIVER, PQFP100 14 X 14 MM, 1.4 MM HEIGHT, TQFP-100
|
Exar, Corp.
|
PM7367 PM7367-PI |
32 link / 32 Channel Data Link Manager with PCI Interface DIODE 1N4002 RECTIFYING DATACOM, FRAMER, PBGA272
|
PMC-Sierra, Inc. PMC-SIERRA INC
|
RS8973EPF 28973-DSH-001-A |
Single-Chip SDSL/HDSL Transceiver DATACOM, PCM TRANSCEIVER, PQFP100
|
M/A-COM Technology Solution... MINDSPEED TECHNOLOGIES INC
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MT8976 MT8976AC MT8976AE MT8976AP |
ISO-CMOS ST-BUS⑩ FAMILY T1/ESF Framer Circuit ISO-CMOS ST-BUS⒙ FAMILY T1/ESF FRAMER CIRCUIT ISO-CMOS ST-BUS FAMILY T1/ESF Framer Circuit
|
MITEL[Mitel Networks Corporation]
|
5962-8864302ZX 5962-8864302XX 5962-8864302YX 5962- |
Quad T1/E1 Transceiver (3.3V, 5.0V) Microprogram Sequencer 4x3 Twelve Channel E1 Framer / 4x4 Sixteen Channel E1 Framer Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0 Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
|
TE Connectivity, Ltd.
|
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|