PART |
Description |
Maker |
T7YA201MT20 T7YA203MT20 T7YA103MB40. T7YA204KT20Q2 |
T7 - 7 mm Diameter Miniature Cermet Trimmer
|
Vishay Sfernice
|
RAD-WHA-MKT |
Mounting kit for WirelessHART adaptor (RAD-WHA-1/2NPT). Allows attachment to a pipe 38 to 89 mm diameter (1.5 to 3.5-inch diameter) or a flat surface, such as a panel.
|
PHOENIX CONTACT
|
PE1001-7 |
Hermetic Seal Solder Contact With 0.009 Pin Diameter 0.068 Body Diameter And 0.031 Pin Lengthq
|
Pasternack Enterprises, Inc.
|
PE1001-5 |
Hermetic Seal Solder Contact With 0.02 Pin Diameter 0.158 Body Diameter And 0.229 Pin Length
|
Pasternack Enterprises, Inc.
|
PE44211 |
SMA Female Bulkhead Connector Solder Attachment 0.042 inch End Launch PCB, .250 inch Diameter, .030 inch Diameter
|
Pasternack Enterprises, Inc.
|
19-09-1091 |
.093 Diameter Connectors.093 Diameter Connector Housings With Mounting Ears & Detent, Panel Mount9 Receptacle 9 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
0496-0-15-15-23-27-10-0 |
PIN RECEPTACLES for .048 - .064 diameter pins (#13 contact) and .045 - .065 diameter pins (#23 contact)
|
Mill-Max Mfg. Corp.
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
712RA |
Jack Socket; Plug Diameter:0.100; Contact Termination:Through Hole; Leaded Process Compatible:Yes; Mounting Type:Through Hole; No. of Contacts:8; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 12V, 5A, 2.5mm DIAMETER, DC POWER PLUG OR JACK
|
Switchcraft, Inc.
|
2463-002-X5U0-152P |
CAPACITOR, FEED THROUGH, 1500PF; Attenuation, 1 GHz:35dB; Attenuation, 10 GHz:40dB; Attenuation, 10 MHz:5dB; Attenuation, 100 MHz:22dB; Capacitance:1500pF; Current rating:10A; Diameter, body:2.51mm; Diameter, lead:0.81mm; Length
|
TUSONIX INC
|
APDS-9002 APDS-9002-021 APDS9002 |
REFLECTIVE OBJECT SENSOR TRANSISTOR OUTPUT LEAD FREE, MINIATURE, PLASTIC PACKAGE-4 Miniature Surface-Mount Ambient Light Photo Sensor
|
Mini-Circuits AVAGO TECHNOLOGIES LIMITED
|
AZ942H-1C-9DTH AZ942H AZ942H-1A-12DTH AZ942H-1A-18 |
12 AMP MINIATURE MINIATURE
|
ZETTLER electronics GmbH ZETTLER[ZETTLER Electronics]
|
|