PART |
Description |
Maker |
UPD70F3134AF1-EN4 UPD70F3134AYF1-EN4 UPD70F3134AF1 |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 13 X 13 MM, PLASTIC, FBGA-161 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PBGA161 20 X 20 MM, LEAD FREE, PLASTIC, LQFP-144 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, MROM, 80 MHz, RISC MICROCONTROLLER, PBGA161
|
NEC, Corp.
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
PIC12F617T-H_SN PIC12F609-I_MD PIC12F609-I_P PIC12 |
8-Pin, Flash-Based 8-Bit CMOS Microcontrollers 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP8
|
Microchip Technology
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
ATMEGA644P-A15MZ ATMEGA324P-A15MZ ATMEGA164P-A15MZ |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 0.50 MM PITCH, GREEN, MO-220WKKD-1, QFN-44 MCU AVR 32KB FLASH 15MHZ 44QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC44 Nonvolatile Program and Data Memories
|
Atmel, Corp. ATMEL Corporation
|
AT91SAM7L128 AT91SAM7L128PRE AT91SAM7L64 AT91SAM7L |
numberHigh-performance 32-bit RISC Architecture MCU ARM7 64K HS FLASH 128-LQFP 32-BIT, FLASH, 36 MHz, RISC MICROCONTROLLER, PQFP128
|
ATMEL Corporation Atmel, Corp.
|
UPD70F3239M2GJA1-UEN UPD70F3237M2GJA1-UEN UPD70F32 |
32-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, FINE PITCH, PLASTIC, LQFP-144 32-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP80
|
MITEQ, Inc.
|
ATMEGA168PV ATMEGA88PV ATMEGA88PV-10PU ATMEGA88PV- |
8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash 10 MHZ, PDIP, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP28 10 MHZ, MLF, IND TEMP, GREEN, 1.8V(MCU AVR) 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC32
|
ATMEL Corporation Atmel, Corp.
|
ATMEGA103 ATMEGA103-6AC ATMEGA103-6AI ATMEGA103L A |
ER 4C 4#16S SKT RECP 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP64 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PQFP64 MS/STANDARD CYLINDRICAL MIL-C-5015 SERIES 3102E ENVIRONMENTAL RESISTING BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-2 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS ER 1C 1#16S PIN RECP BOX 8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
DSPIC30F2010-30I/MM DSPIC30F2010-30I/SO |
16-BIT, FLASH, 30 MHz, RISC MICROCONTROLLER, PQCC28 6 X 6 MM, 0.90 MM HEIGHT, LEAD FREE, PLASTIC, QFN-28 16-BIT, FLASH, 30 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, LEAD FREE, PLASTIC, SOIC-28
|
Sumida, Corp.
|
|