PART |
Description |
Maker |
AS7C33128NTF32_36B AS7C33128NTF36B-80TQIN AS7C3312 |
3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 7.5 ns, PQFP100 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flowthrough Synchronous SRAM with NTD 128K X 32 ZBT SRAM, 10 ns, PQFP100 LM194/LM394 Supermatch Pair; Package: TO-99; No of Pins: 6; Qty per Container: 500; Container: Box 128K X 36 ZBT SRAM, 7.5 ns, PQFP100 LM195/LM395 Ultra Reliable Power Transistors; Package: TO-220; No of Pins: 3; Qty per Container: 45; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: SOIC NARROW; No of Pins: 8; Qty per Container: 95; Container: Rail 3.3V 128K × 32/36 Flowthrough Synchronous SRAM with NTDTM LM3916 Dot/Bar Display Driver; Package: MDIP; No of Pins: 18; Qty per Container: 20; Container: Rail LM392 Low Power Operational Amplifier/Voltage Comparator; Package: MDIP; No of Pins: 8; Qty per Container: 40; Container: Rail NTD? Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
IDT71V547S90PFI |
128K X 36, 3.3V Synchronous SRAM with ZBT Feature, Burst Counter and Flow-Through Outputs 128K X 36 ZBT SRAM, 9 ns, PQFP100
|
Integrated Device Technology, Inc.
|
IS61NLP12832A-250B2 IS61NLP12832A-200B3I IS61NLP12 |
128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 2.6 ns, PBGA119 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 3.1 ns, PBGA165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 3.1 ns, PBGA165 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 32 ZBT SRAM, 2.6 ns, PQFP100 128K x 32, 128K x 36, and 256K x 18 4Mb, PIPELINE (NO WAIT) STATE BUS SRAM 128K X 36 ZBT SRAM, 3.1 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
CY7C1372CV25-167AI CY7C1372CV25-167BGI CY7C1372CV2 |
512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 3 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA119 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 1M X 18 ZBT SRAM, 2.8 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PQFP100 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 512K X 36 ZBT SRAM, 3.4 ns, PBGA165 512K x 36/1M x 18 Pipelined SRAM with NoBLArchitecture 12k × 36/1M × 18流水线的SRAM架构的总线延迟 CAP,Ceramic,10000pF,500VDC,10-% Tol,10% Tol,X7R-TC Code,-15,15%-TC,30ppm-TC RoHS Compliant: Yes 512K x 36/1M x 18 Pipelined SRAM with NoBL Architecture
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp.
|
KM736V747T-10 |
128K X 36 ZBT SRAM, 10 ns, PQFP100
|
|
7C1351-66 7C1351-40 7C1351-50 CY7C1351-66AC |
128Kx36 Flow-Through SRAM with NoBL TM Architecture 128K × 36至流通过与总线延迟TM架构的SRAM 128Kx36 Flow-Through SRAM with NoBL TM Architecture 128K X 36 ZBT SRAM, 11 ns, PQFP100
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1474V33-200BGI CY7C1472V33-250BZXI CY7C1470V33 |
72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 1M X 72 ZBT SRAM, 3 ns, PBGA209 72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBLArchitecture 4M X 18 ZBT SRAM, 3 ns, PBGA165 2M X 36 ZBT SRAM, 3 ns, PQFP100
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
IS61NLF102436A IS61NLF102436A-6.5B3 IS61NLF102436A |
STATE BUS SRAM 1M X 36 ZBT SRAM, 6.5 ns, PBGA165 13 X 15 MM, PLASTIC, BGA-165 1M X 36 ZBT SRAM, 6.5 ns, PQFP100 TQFP-100 2M X 18 ZBT SRAM, 6.5 ns, PBGA165 13 X 15 MM, PLASTIC, BGA-165 2M X 18 ZBT SRAM, 6.5 ns, PQFP100 TQFP-100
|
Integrated Silicon Solution, Inc.
|
IS61NVF102418-6.5B2 IS61NVF25672-6.5B1 IS61NVF5123 |
1M X 18 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 6.5 ns, PBGA209 14 X 22 MM, 1 MM PITCH, PLASTIC, BGA-209 512K X 36 ZBT SRAM, 6.5 ns, PBGA119 14 X 22 MM, PLASTIC, BGA-119 256K X 72 ZBT SRAM, 7.5 ns, PBGA209
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
CY7C1019CV33 CY7C1019CV33-12VI CY7C1019CV33-15VC C |
128K x 8 Static RAM 128K的8静态RAM JT 26C 26#20 SKT RECP 128K X 8 STANDARD SRAM, 8 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 12 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 15 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 10 ns, PDSO32 128K x 8 Static RAM 128K X 8 STANDARD SRAM, 8 ns, PDSO32 Memory : Async SRAMs
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
|