PART |
Description |
Maker |
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
TAN350 |
350 Watts, 50 Volts, Pulsed Avionics 960 1215 MHz 350瓦,50伏特,脉冲航空电601215兆赫 TACAN 960-1215 MHz, Class C, Common Base, Pulsed; P(out) (W): 350; P(in) (W): 70; Gain (dB): 7; Vcc (V): 50; Pulse Width (µsec): 10; Duty Cycle (%): 10; Case Style: 55ST-1 L BAND, Si, NPN, RF POWER TRANSISTOR 350 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
|
Electronic Theatre Controls, Inc. Microsemi, Corp. ETC[ETC] List of Unclassifed Manufacturers
|
NCB1206B700TR NCB-H1805E600TR NMC0402P301TR NMC080 |
F BEAD, HIGH SPEED SIGNAL, 70 OHM @ 100 MHZ, 1206, SM 1 FUNCTIONS, 0.4 A, FERRITE CHIP 1 FUNCTIONS, 6 A, FERRITE CHIP 1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.5 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
NIC Components, Corp. NIC COMPONENTS CORP
|
FAR-F5CE-906M00-K215 FAR-F5CE-881M50-K235 FAR-F5CE |
1 FUNCTIONS, 906 MHz, SAW FILTER 1 FUNCTIONS, 881.5 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER
|
|
AFCC100215LKW2S AFCC190218W6W9N AFCC160222VMW1N AF |
1 FUNCTIONS, 350 V, 15 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 63 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 250 V, 16 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 630 V, 15 A, FEED THROUGH CAPACITOR
|
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
856270 |
350 MHz SAW Filter
|
TriQuint Semiconductor
|
SF1090A |
350 MHz SAW Filter
|
RFM[RF Monolithics, Inc]
|
ETC4-1-8 |
E-Series RF 1:4 Transformer 20 - 350 MHz
|
MACOM[Tyco Electronics]
|
|