PART |
Description |
Maker |
MAX3483D MAX3483CSA MAX3483CPA PART |
3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
|
Maxim Integrated Produc...
|
2745C 2745C2 |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers T1/E1 Transformer HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
|
BEL[Bel Fuse Inc.]
|
2745AJ 2745CA 2745CA2 2745AJ2 |
HIGH FREQUENCY MAGNETICST1/E1 Through Hole Transformers T1/E1 Transformer 3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 5V, Fail-Safe, 20Mbps, Profibus RS-485/RS-422 Transceivers
|
Bel Fuse Inc.
|
5962-9161901MPX |
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers 模拟比较
|
Fujitsu, Ltd.
|
MAX3080CPD MAX3080CSD MAX3080EPD MAX3080ESD MAX308 |
Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
|
Maxim Integrated Produc...
|
ADM3082 ADM3082AN ADM3082AR ADM3082JN ADM3082JR AD |
TRI N RECP F J/N 0-19 NO SEAL High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
|
Analog Devices, Inc.
|
5962-9163204MPX 5962-9163203MXX |
Voltage-Feedback Operational Amplifier 电压反馈运算放大 Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers 电压反馈运算放大
|
Vicor, Corp.
|
5962-9224304MRX 5962-9224303MRX 5962-9224305M2X |
Single 8-Bit Inverting Bus Transceiver 位反向总线收发 3.3V Powered, ±15kV ESD-Protected, 12Mbps, Slew-Rate-Limited True RS-485/RS-422 Transceivers 位反向总线收发
|
Molex, Inc.
|
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
HS-2510RH 5962D9568601VPA HS9-2510RH-Q HS7-2510RH- |
Radiation Hardened High Slew Rate Operational Amplifier Radiation Hardened High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CDIP8 CAP TANT LOESR 330UF 10V 20% SMD Radiation Hardened High Slew Rate
Operational Amplifier(抗辐射高输出电压转换速率、低偏置电流运算放大
|
Intersil, Corp. Intersil Corporation
|