PART |
Description |
Maker |
AT24C16C-SSHM-T AT24C16C-SSHM-B AT24C16C-WWU11M |
Two-wire Serial Electrically Erasable and Programmable Read-only Memory 2K X 8 I2C/2-WIRE SERIAL EEPROM, UUC
|
ATMEL Corporation
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
24AA01T 24LC01T-I_STG 24AA01 24AA01-E_MSG 24AA01-E |
The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible ... The 24LC01B is a 1K bit Electrically Erasable PROM memory organized as a single block of 128 x 8-bit memory with an I2C™ compatible 2-wire serial interface bus. The 24LC01B features hardware write protect, Schmitt trigger inputs, 400 1K I2C Serial EEPROM 1K/2K I2CSerial EEPROMs in ISO Micromodules
|
MICROCHIP[Microchip Technology]
|
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
24C128 AT24C128 AT24C128-10CC AT24C128-10CC-1.8 AT |
2-WireSerialEEPROMs 128 x 64 pixel format, LED or EL Backlight available BOX WATERTIGHT 4.70X4.70X1.1,1 Triple 3-Input Positive-NOR Gate 14-TSSOP -40 to 85 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 122 x 32 pixel format, Compact LCD size Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SSOP -40 to 85 Replaced by SN74LV32A : Quadruple 2-Input Positive-OR Gate 14-SOIC -40 to 85 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs 2线串行EEPROM 2-Wire Serial EEPROMs 16K X 8 I2C/2-WIRE SERIAL EEPROM, DSO8 2-Wire Serial EEPROMs 32K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROMs
|
http:// ATMEL[ATMEL Corporation] ATMELCorporation Atmel Corp. Atmel, Corp.
|
IS93C46B-3GRI IS93C46B-3GRA IS93C46B-3GI IS93C46B- |
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
IS93C46D-2DLI IS93C46D-3PLA3 IS93C46D-2PLI IS93C46 |
1-KBIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
AT24C11 AT24C11-10 AT24C11N-1 AT24C11N-10SU-2.7 AT |
1K, 2-wire Bus Serial EEPROM, Non-cascadable, high speed at medium voltage. 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 240 x 128 pixel format, CFL Backlight with power harness 2-Wire Serial EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|
CAT24C03TDI-GT3 CAT24C03TDI-T3 CAT24C05LI-T3 CAT24 |
2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection 2 kb I<sup>2</sup>C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO5 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
ON Semiconductor
|
24AA128 24LC128 24FC128 24AA128-I/MF 24AA128-I/MS |
16K*8(128Kbit) Serial Electrically Erasable PROM(EEPROM) 128K I2C CMOS Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
CAT24WC128_05 CAT24WC128 CAT24WC12833JA-1.8TE13 CA |
16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 128K-Bit I2C Serial CMOS EEPROM 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 GREEN, PLASTIC, DIP-8 16K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8
|
http:// CATALYST[Catalyst Semiconductor] Unisonic Technologies Co., Ltd. Fox Electronics
|