PART |
Description |
Maker |
FOD050LR2V FOD050LV FOD250LTV FOD250LS FOD250LV FO |
SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER SO-8 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: SOIC-W; No of Pins: 8; Container: Box 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 3.3V; Package: DIP-W; No of Pins: 8; Container: Bulk 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
HCPL2503 HCPL-2531 HCPL-2530 HCPL-4502 6N135 6N136 |
8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler 8-Pin DIP 1Mbit/s Dual-Channel High Speed Transistor Output Optocoupler (HCPL-xxxx) HIGH SPEED TRANSISTOR OPTOCOUPLERS
|
FAIRCHILD[Fairchild Semiconductor]
|
HCNW4502 HCPL-4503 HCPL-4534 HCNW136 HCNW4503 HCPL |
Single Channel High Speed Optocouplers Dual Channel, High Speed Optocouplers Single Channel, High Speed Optocouplers
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
6N135M-V HCPL2503W HCPL4502SDV HCPL2531WV HCPL4502 |
8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler; Package: DIP-B; No of Pins: 8; Container: Bulk 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps 8-Pin DIP 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler; Package: SMDIP-B; No of Pins: 8; Container: Tape & Reel 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps 8-Pin DIP 1Mbit/s Dual-Channel High Speed Transistor Output Optocoupler; Package: DIP-B; No of Pins: 8; Container: Bulk High Speed Transistor Optocouplers High Speed Transistor Optocouplers
|
Everlight Electronic Co., Ltd. Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
14-44-5324 14-44-5312 14-44-5319 14-44-2906 14-44- |
SL IDT Opt D Male 22AWG 15 SAu 24Ckt 24 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 12Ckt 12 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 6Ckt 6 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 21Ckt 21 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 22AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 26AWG 30 SAu 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 5Ckt 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG 15 SAu 25Ckt SL IDT Opt D Male 28AWG 15 SAu 7Ckt SL IDT Opt D Male 22AWG 15 SAu 15Ckt SL IDT Opt D Male 22AWG 15 SAu 9Ckt 25 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc. MOLEX INC
|
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|
US2829 |
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
|
Unisonic Technologies
|
HCPL-2502 HCPL-0452 HCPL0500 |
(HCPL-xxxx) Single Channel / High Speed Optocouplers
|
Hewlett-Packard
|
HCPL0452 HCPL0500 HCPL0531 HCPL0453 HCPL0501 HCPL0 |
8-Pin SOIC Single-Channel High Speed Transistor 8-PIN, Output Optocoupler - No Base Connection; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps 8-Pin SOIC 1 Mbit/s Single-Channel High Speed Transistor Output Optocoupler; Package: SOIC-W; No of Pins: 8; Container: Tape & Reel 2 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 1 Mbps High Speed Transistor Optocouplers
|
Fairchild Semiconductor, Corp. ON Semiconductor FAIRCHILD[Fairchild Semiconductor]
|
5962-9306545HMA 5962-9306545HMC 5962-9306545HTA 59 |
Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs Controller Miscellaneous - Datasheet Reference 200Mbps SFP Limiting Amplifier Serially Controlled, Low-Voltage, 8-Channel SPST Switch Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers 控制器杂数据表参 Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23 控制器杂数据表参 3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver 控制器杂数据表参 2.5GHz 45dB RF-Detecting Controllers 控制器杂数据表参 Triple and Quad, 2:1 Video Multiplexer-Amplifiers with Fixed and Settable Gain 控制器杂数据表参 100MHz to 2500MHz, 45dB RF Detector in a UCSP 控制器杂数据表参
|
Glenair, Inc. Electronic Theatre Controls, Inc. Littelfuse, Inc. TE Connectivity, Ltd. NXP Semiconductors N.V.
|
SG2644 SG2644DW SG2644J SG2644M SG2644R SG2644T SG |
Half Bridge Driver, Non-Inverting DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, PDIP8 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, MBFM9 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDIP14 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDIP8 EXTRACTION TOOL 566 SERIES From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
TPC8104-H |
Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Lithium Ion Battery Applications Notebook PCs Portable Equipment Applications TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U−MOSII) TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII)
|
Toshiba Corporation Toshiba Semiconductor
|
|