PART |
Description |
Maker |
2530-3-00-01-00-00-07-0 2530-2-00-44-00-00-07-0 25 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, SILVER (300) OVER COPPER FINISH, PCB TERMINAL BRASS, TIN (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, TIN LEAD (300) FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
2303-3-01-80-00-00-07-0 2303-3-01-44-00-00-07-0 23 |
BRASS, TIN (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, SILVER (300) OVER COPPER FINISH, PCB TERMINAL BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
6095-0-00-01-00-00-38-0 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
1105-0-15-01-13-01-10-0 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
1179-0-00-01-00-00-33-0 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
2109-1-00-01-00-00-07-0 2113-3-00-01-00-00-07-0 21 |
BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, SILVER (300) OVER COPPER FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
19017-0016 19016-0042 19016-0001 19016-0085 19017- |
.205X.032 FEMALE QD INSUL.TAPE (BB-2191- 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187 X .020 FEM.QD KRIMP. TAPE (BB-1138T 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL Etc Butt Seam Recept WR:22-18, KSS-1755-C 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD KRIMPTITE (P-1142) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEMALE QD INSULKRIMP (AA-2137- 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190160043 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD VIBRA.TAPED (P-4178T) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205X.020 FEMALE QD INSUL.TAPE (AA-2190T 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .110X.020 FEM.QD INSULKRIMP (BB-2132) 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD INSULKRIMP (BB-2191-0
|
Molex, Inc. MOLEX INC
|
8955-0-05-1-3 8600-2-05-1-3 |
BRASS, TIN LEAD FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
2011A-10 2501A-55 2010D-7 2502B-35 2010T-45 2011D- |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
19019-0052 19019-0037 19019-0057 19019-0049 19019- |
.250X.032 FEM.QD AVIKRIMP (P-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .250 FEMALE INSUL 10-12AWG 6 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK./REEL (PZ-8142) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEM.QD AVIKRIMP (P-8139-032) 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190190054 4.2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.020 FEM.QD AVIK. TAPED (BB-8138T) 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD AVIKRIMP (BB-8191-032 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL CONN .187 FEMALE INSUL 14-16AWG 2.5 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD AVIK. TAPED (C-8143T)
|
Molex, Inc. MOLEX INC
|
19705-4103 |
.187 X .032 Strip PCB Term Plated BRASS, TIN LEAD FINISH, TAB TERMINAL
|
Molex, Inc.
|
|