PART |
Description |
Maker |
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
YA30L-TC58-FX YA40L-TC12-FX-45 YA30L-TC58-FX-45 YA |
120 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 400 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 240 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 185 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
19017-0016 19016-0042 19016-0001 19016-0085 19017- |
.205X.032 FEMALE QD INSUL.TAPE (BB-2191- 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187 X .020 FEM.QD KRIMP. TAPE (BB-1138T 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL Etc Butt Seam Recept WR:22-18, KSS-1755-C 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD KRIMPTITE (P-1142) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .187X.032 FEMALE QD INSULKRIMP (AA-2137- 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL 190160043 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .250X.032 FEM.QD VIBRA.TAPED (P-4178T) 3.3 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205X.020 FEMALE QD INSUL.TAPE (AA-2190T 0.8 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .110X.020 FEM.QD INSULKRIMP (BB-2132) 2 mm2, BRASS, TIN FINISH, PUSH-ON TERMINAL .205 X .032 FEM.QD INSULKRIMP (BB-2191-0
|
Molex, Inc. MOLEX INC
|
FV2-YM4A FND2-YM4A FVL2-YM4A FNWS2-YM4A FVD2-YM4A |
2.63 mm2, WIRE TERMINAL 2.63 mm2, COPPER ALLOY, WIRE TERMINAL 1.65 mm2, COPPER ALLOY, WIRE TERMINAL 6.64 mm2, COPPER ALLOY, WIRE TERMINAL 0.5 mm2, COPPER ALLOY, WIRE TERMINAL 1.65 mm2, WIRE TERMINAL
|
JST Mfg. Co., Ltd. J S T MFG CO LTD
|
RSQ7410A10-70 RSQ7404.001A6-10 RSQ7414.001A20-150 |
70 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 10 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL 150 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
STOCKO CONTACT GMBH & CO KG
|
FNGS5-1C GS3-0.5C GS4-10C |
1.5 mm2, WIRE TERMINAL 0.5 mm2, WIRE TERMINAL 10 mm2, WIRE TERMINAL
|
J S T MFG CO LTD
|
2-5ES 1.25-3E 2-10ES |
2.63 mm2, WIRE TERMINAL 1.65 mm2, WIRE TERMINAL
|
J S T MFG CO LTD
|
SPF-01T-2.5C |
0.5 mm2, WIRE TERMINAL
|
JST Mfg. Co., Ltd.
|
FV1.25-YS3ATOR 2-N3A V1.25-4A |
1.65 mm2, WIRE TERMINAL 2.63 mm2, WIRE TERMINAL
|
JST Mfg. Co., Ltd. J S T MFG CO LTD
|
|